Electronic Components Datasheet Search
  English  ▼

X  

Z86C8316VSC Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z86C8316VSC
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C8316VSC Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z86C8316VSC Datasheet HTML 12Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 13Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 14Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 15Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 16Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 17Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 18Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 19Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
16
DS96DZ80203
PIN FUNCTIONS
Application Precaution
The production test-mode environment may be enabled
accidentally during normal operation if
excessive noise
surges above V
cc occur on the /RESET pin.
Recommendations for dampening voltage surges in both
test and OTP mode include the following:
s
Using a clamping diode to /RESET
s
Adding a capacitor to the affected pin
XTAL1.
Crystal 1 (time-based input). This pin connects a
parallel-resonant crystal, ceramic resonator, LC network
or an external single-phase clock to the on-chip oscillator
input.
XTAL2.
Crystal 2 (time-based output). This pin connects a
parallel-resonant crystal, ceramic resonator, LC network to
the on-chip oscillator output.
Port 0 P00-P06.
(P03-P06
is
not
available
on
the
Z86C84). Port 0 is a 7-bit, bidirectional, CMOS-compatible
I/O
port.
These
seven
I/O
lines
can
be
nibble
programmable as P00-P03 input/output and P04-P06
input/output, separately (Figure 10). All input buffers are
Schmitt-triggered and output drivers are push-pull. There
is a ROM mask option to enable 100K (
±40%) pull-up
resistors to Port 0, P00 to P02.
Port 0 Auto Latch.
(Auto Latch Mask Option available
only on P00-P02. P03-P06 has the Auto Latches
permanently enabled.) The Auto Latch provides valid
CMOS Levels when P00-P06 (P00-P02 on C84) are
selected as inputs and not externally driven. It is
impossible to determine if a non-driven input is 1 or 0,
however; the Auto Latch will sense the input condition and
drive a valid CMOS level, thereby eliminating a floating
mode that could cause excessive current. (Auto Latch is a
ROM mask option for the Z86C83, Z86C84).
Port 2 (P27-P20) Port 2 is an 8-bit, bi-directional, CMOS-
compatible I/O port and an 8-channel muxed input to the
8-bit ADC. When configured as a digital input, by
programming the Port2 Mode register, the Port 2 register
can be evaluated to read digital data applied to Port 2, or
the ADC result register can be read to evaluate the analog
signals applied to Port 2 after configuring the ADC Control
Registers. The direction of each of the eight Port 2 I/O lines
can be configured individually (Figure 11).
In addition, all four versions of the device provide the
capability of connecting 10K (
±20%) pull-up resistors to
each of the Port 2 I/O lines individually. The pull-ups are
connected when activated through software control of
P2RES register (Figure 67) when the corresponding Port
2 pin is configured to be an input. The pull-up resistor of a
Port 2 I/O line is automatically disabled when the
corresponding I/O is an output, regardless of the state of
the corresponding P2RES bit value.
Note: The Z86C83/C84 Emulator does not emulate the
P2RES Register. Selection of the pull-ups are done via
jumper settings on the emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com