Electronic Components Datasheet Search
  English  ▼

X  

COM-BT Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-BT
Description  high definition autio interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-BT Datasheet(HTML) 1 Page - AAEON Technology

  COM-BT Datasheet HTML 1Page - AAEON Technology COM-BT Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-11
www.aaeon.com
06
Intel® Onboard SoC
DDR3L SODIMM
eDP
Intel® I211AT
Gigabit Ethernet
Features
Specifications
COM-BT
■
■
Intel® Atom™/ Celeron® Processor SoC
■
■
DDR3L 1066/1333 MHz SODIMM x 1, Up to 8 GB
■
■
Gigabit Ethernet with Intel® Controller
■
■
CRT, Up to 24-bit Dual-channel LVDS, DP/HDMI, eDP (Optional)
■
■
High Definition Autio Interface
■
■
SATA 3.0 Gb/s x 2
■
■
USB2.0 x 6 + USB2.0/USB3.0 x 1
■
■
PCI-Express [x1] x 3
■
■
COM Express Compact Module, Pin-out Type 6, COM.0 Rev. 2.1
COM Express Type 6 CPU Module with Onboard Intel® Atom™/ Celeron® Processor SoC
Optional Accessories
• M2.5 Screw x 4
• Product DVD
• COM-BT Rev. A
Packing List
System
Form Factor
COM Express Nano Module, Pin-out Type 6, COM.0 Rev. 2.1
Processor
Intel® Processor SoC
N2930: 4C/ 1.83 GHz/ 7.5W
N2807: 2C/ 1.58 GHz/ 4.3W
E3845: 4C/ 1.91 GHz/ 10W
E3827: 2C/ 1.75 GHz/ 8W
E3826: 2C/ 1.46 GHz/ 7W
E3825: 2C/ 1.33 GHz/ 6W
E3815: 1C/ 1.46 GHz/ 5W
J1900: 4C/ 2.0 GHz/ 10W
System Memory
DR3L1066/1333 MHz SODIMM x 1, up to 8 GB
Chipset
Intel® Atom™/ Celeron® Processor SoC
I/O Chipset
Intel® Atom™/ Celeron® Processor SoC
Ethernet
Intel® I211AT for 10/1000/1000Base-TX
BIOS
AMI BIOS, Legacy free BIOS
Wake On Lan
Yes
Watchdog Timer
ITE IT8528E, 255 levels
H/W status Monitoring
Supports CPU Temperature Monitoring
Expansion interface
PCI-Express [x1] x 3, LPC Bus x 1, SMbus x 1
Power Requirement
Standard: +12V, AT/ATX
Power comsumptoin
0.92A@12V, J1900, Full load
0.48A@12V, N2807, Full load
Board Size
3.74" x 3.74" (95mm x 95mm)
Gross Weight
0.55 lb (0.25 kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
90,000
Display
Supports CRT/LCD Simultaneous/Dual view display
Chipset
Intel® Atom™/ Celeron® Processor SoC
Memory
Shared system memory up to 512 MB
Resolution
2560 x 1600 for DP/eDP
2560 x 1600 for CRT
1920 x 1200 for LCD, HDMI
LCD Interface
18/24-bit single channel LVDS (Shared with eDP), Up to 1920 x 1200
I/O
Storage
SATA 3.0 Gb/s x 2
Serial Port
TX / RX x 2
USB
USB2.0 x 7 (including USB3.0/2.0 x 1)
Audio
High definition audio
GPIO
Up to 4 in and 4 out share with SDIO
• ECB-920A-A10
COM Type 1/6/10 Carrier Board, ATX, GbE, 8 USB, 2 COM, 4 SATA, PCIe, AT/ATX, Legacy Free, Rev. A1.0
• PER-A126
Heat Spreader, For COM-BT, Onboard CPU
• TF-PER-A117
Passive Heatsink, For COM-CV, To be used with Heat Spreader
• TF-PER-A118
CPU Cooler, 35W, For COM Express Compact Size, To be used with Heat Spreader


Similar Part No. - COM-BT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-BYTC2 AAEON-COM-BYTC2 Datasheet
406Kb / 2P
DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
COM-BYTC2-A10-0001 AAEON-COM-BYTC2-A10-0001 Datasheet
406Kb / 2P
DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
COM-BYTC2-A10-0002 AAEON-COM-BYTC2-A10-0002 Datasheet
406Kb / 2P
DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
More results

Similar Description - COM-BT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88768-9800 MOLEX-88768-9800 Datasheet
230Kb / 2P
High Definition Multimedia Interface (HDMI) Connector System
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
High Definition Multimedia Interface (HDMI) Receptacle
logo
Level One
HVE-9900 LVL1-HVE-9900 Datasheet
166Kb / 3P
The High-Definition Multimedia Interface (HDMI)
logo
AAEON Technology
COM-SKHB6 AAEON-COM-SKHB6 Datasheet
240Kb / 1P
high definition autio interface
COM-SKUC6 AAEON-COM-SKUC6 Datasheet
243Kb / 1P
high definition autio interface
ETX-A55E AAEON-ETX-A55E Datasheet
297Kb / 2P
high definition audio interface
PICO-IMX6 AAEON-PICO-IMX6 Datasheet
295Kb / 2P
high definition audio interface
UCOM-BT AAEON-UCOM-BT Datasheet
266Kb / 2P
high definition audio interface
COM-SKU AAEON-COM-SKU Datasheet
431Kb / 2P
High Definition Audio Interface
logo
Guangdong Youtai Semico...
ESD0524P UMW-ESD0524P Datasheet
849Kb / 4P
High Definition Multi-Media Interface (HDMI)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com