Electronic Components Datasheet Search
  English  ▼

X  

COM-BT Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-BT
Description  high definition autio interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-BT Datasheet(HTML) 2 Page - AAEON Technology

  COM-BT Datasheet HTML 1Page - AAEON Technology COM-BT Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-12
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-BT
Ordering Information
Part Number
COM Express
Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot
Power
Temp.
COM-BT-A10-0001
6 (COM.0 Rev. 2.1)
Quad Core N2930
(1.83 GHz)
DDR3L1066/1333, Max. 8 GB VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0002
6 (COM.0 Rev. 2.1)
Dual Core N2807
(1.58 GHz)
DDR3L1066/1333, Max. 8 GB VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0003
6 (COM.0 Rev. 2.1)
Quad Core E3845
(1.91 GHz)
DDR3L1066/1333, Max. 8 GB VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0004
6 (COM.0 Rev. 2.1)
Dual Core E3827
(1.75 GHz)
DDR3L1066/1333, Max. 8 GB VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0005
6 (COM.0 Rev. 2.1)
Dual Core E3826
(1.46 GHz)
DDR3L1066, Max. 8 GB
VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0006
6 (COM.0 Rev. 2.1)
Dual Core E3825
(1.33 GHz)
DDR3L1066, Max. 8 GB
VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0007
6 (COM.0 Rev. 2.1)
Single core E3815
(1.46 GHz)
DDR3L1066, Max. 8 GB
VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
COM-BT-A10-0008
6 (COM.0 Rev. 2.1)
Quad Core J1900
(2.0 GHz)
DDR3L1066/1333, Max. 8 GB VGA, HDMI, LVDS, DP, eDP (Optional)
18/24b
2CH LVDS
SATA x 2
GbE x 1
USB3.0 x 1
USB2.0 x 7
2 (Tx/Rx)
PCI-Express [x1] x 3, LPC bus x 1,
SMBUS x 1
12V
0°C - 60°C
DDR3L SO-DIMM
Channel A
USB 2.0 * 3
PCIe
DDI1
DDI1
TYPE 6
RGB
ITE
EC
IT8528
GPIO
SMBus
SPI
LPC
COM Port * 2
Intel ®
GbE Ethernet
i211
GBE
eDP
DDI
Switch
DDI2
DDI0
DDI
Switch
Intel®
Processors
Atom™ E3800
Celeron®
N2800/
N2900/
J1900
18/24bit LVDS
USB3.0 * 1
PCIe [x1] * 3
USB2.0
USB
HUB
USB2.0 * 4
NXP
DP to LVDS
PTN3460
SATA * 2
I2C
BIOS
SPI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com