Electronic Components Datasheet Search
  English  ▼

X  

Z86C9533FSC Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z86C9533FSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533FSC Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z86C9533FSC Datasheet HTML 10Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 11Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 12Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 13Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 14Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 15Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 16Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 17Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 18Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Z86C95 DSP
CPS DC-4067-13
AC CHARACTERISTICS
Handshake Timing Table
T
A = 0°C to +70°C
Data
No
Symbol
Parameter
Min
Max
Units
Direction
1
TsDI(DAV)
Data In Setup Time to /DAV
0
ns
In
2
ThDI(DAV)
RDY to Data In Hold Time
0
ns
In
3
TwDAV
/DAV Width
40
ns
In
4
TdDAVIf(RDYf)
/DAV to RDY Delay
70
ns
In
5
TdDAVIr(RDYr)
DAV Rise to RDY Wait Time
40
ns
In
6
TdRDYOr(DAVIf)
RDY Rise to DAV Delay
0
ns
In
7
TdD0(DAV)
Data Out to DAV Delay
TpC
ns
Out
8
TdDAV0f(RDYIf)
/DAV to RDY Delay
0
ns
Out
9
TdRDYIf(DAVOr)
RDY to /DAV Rise Delay
70
ns
Out
10
TwRDY
RDY Width
40
ns
Out
11
TdRDYIr(DAVOf)
RDY Rise to DAV Wait Time
40
ns
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com