Electronic Components Datasheet Search
  English  ▼

X  

Z86C9533FSC Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z86C9533FSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533FSC Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z86C9533FSC Datasheet HTML 10Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 11Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 12Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 13Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 14Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 15Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 16Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 17Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 18Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Z86C95 DSP
CPS DC-4067-13
A/D Converter Electrical Characteristics
V
CC = 5.0V ± 10%
Parameter
Minimum
Typical
Maximum
Units
Resolution
8
Bits
Integral non-linearity
0.5
1
LSB
Differential non-linearity
0.5
1
LSB
Zero Error at 25
°C45
mV
Supply Range
4.5
5.0
5.5
Volts
Power dissapation, no load
50
85
mW
Clock frequency
33
MHz
Input voltage range
VA
LO
VA
HI
Volts
Conversion time
2
µsec
Input capacitance on ANA
25
40
pF
VA
HI
range
VA
LO +2.5
AV
CC
Volts
VA
LO range
AN
GND
AV
CC–2.5
Volts
VA
HI
-–VA
LO
2.5
AV
CC
Volts
Notes:
Voltage 4.5V –5.5V
Temp 0-70
°C
D/A Converter Electrical Characteristics
V
CC = 5.0V ± 10%
Parameter
Minimum
Typical
Maximum
Units
Resolution
8
Bits
Integral non-linearity
0.25
1
LSB
Differential non-linearity
0.25
0.5
LSB
Setting time, 1/2 LSB
1.5
3.0
µsec
Zero Error at 25
°C10
20
mV
Full Scale error at 25
°C
1
2
% FSR
Supply Range
4.5
5.0
5.5
Volts
Power dissapation, no load
50
85
mW
Ref Input resistance
2K
4K
10K
Ohms
Output noise voltage
50
µVp-p
VD
HI range at 3 volts
2.6
3.5
Volts
VD
LO range at 5V volts
0.8
1.7
Volts
VD
HI–VDLO, at
5V volts
0.9
2.7
Volts
Capacitive output load, CL
30
pF
Resistive output load, RL
20K*
Ohms
Output slew rate
1.0
3.0
V/
µsec
Notes:
Voltage 4.5V - 5.5V
Temp 0-70
°C
* 100K for 24 MHz device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com