Electronic Components Datasheet Search
  English  ▼

X  

Z86L71 Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 11Page - Zilog, Inc. Z86L71 Datasheet HTML 12Page - Zilog, Inc. Z86L71 Datasheet HTML 13Page - Zilog, Inc. Z86L71 Datasheet HTML 14Page - Zilog, Inc. Z86L71 Datasheet HTML 15Page - Zilog, Inc. Z86L71 Datasheet HTML 16Page - Zilog, Inc. Z86L71 Datasheet HTML 17Page - Zilog, Inc. Z86L71 Datasheet HTML 18Page - Zilog, Inc. Z86L71 Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-15
1
Port 2 (P27-P20). Port 2 is an 8-bit, bidirectional, CMOS-
compatible I/O port. These eight I/O lines can be indepen-
dently configured under software control as inputs or out-
puts. Port 2 is always available for I/O operation. A mask
option is available to connect eight 200 KOhms (
±50%)
pull-up resistors on this port. Bits programmed as outputs
are globally programmed as either push-pull or open-
drain. The Z8 wakes up with the eight bits of Port 2 config-
ured as inputs with open-drain outputs.
Port 2 also has an 8-bit input OR and an AND gate which
can be used to wake up the part from STOP Mode (Figure
33). P20 can be programmed to access the edge selection
circuitry (Figure 9).
Figure 9. Port 2 Configuration
Open-Drain
OEN
Out
In
PAD
Port 2 (I/O)
Z86LXX
MCU
VCC
Mask
Option
200 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com