Electronic Components Datasheet Search
  English  ▼

X  

Z86L71 Datasheet(PDF) 50 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 50 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 46Page - Zilog, Inc. Z86L71 Datasheet HTML 47Page - Zilog, Inc. Z86L71 Datasheet HTML 48Page - Zilog, Inc. Z86L71 Datasheet HTML 49Page - Zilog, Inc. Z86L71 Datasheet HTML 50Page - Zilog, Inc. Z86L71 Datasheet HTML 51Page - Zilog, Inc. Z86L71 Datasheet HTML 52Page - Zilog, Inc. Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-50
P R E L I M I N A R Y
DS97LVO0500
FUNCTIONAL DESCRIPTION (Continued)
Low Voltage Detection/Protection. An on-chip Voltage
Comparator checks that the VCC is at the required level for
correct operation of the device. Reset is globally driven
when VCC falls below VLV (Vrf1).
Mask Selectable Options. There are six Mask Selectable
Options to choose from based on ROM code require-
ments.
Note: Internal Port 0/Pull-Up resistors remain connected
when port pins are configured as outputs.
The Low Voltage trip voltage (VLV) is less than 2.1V under
the following conditions:
Maximum (VLV) Conditions:
TA = 0°C, +55°C Internal clock frequency equal to or less
than 4.0 MHz
Note: The internal clock frequency is one-half the external
clock frequency.
The device is guaranteed to function normally until the Low
Voltage Protection trip point VLV is reached, below which
reset is globally driven. The device is guaranteed to func-
tion normally at supply voltages above the VLV trip point for
the temperatures and operating frequencies in maximum
VLV conditions. The actual VLV trip point is a function of
temperature and process parameters (Figure 39).
Permanent Watch-Dog
Timer
On/WDT command invoked
RAM Protect
On/Off
ROM Protect
On/Off
32 kHz XTAL
On/Off
Port 00-07 Pull-ups
On/Off
Port 31-33 Pull-ups
On/Off
Port 20-27 Pull-ups
On/Off
Figure 39. Typical Z86L7X Low Voltage vs
Temperature at 8 MHz
0
15
25
35
45
55
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
VLV
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com