Electronic Components Datasheet Search
  English  ▼

X  

Z86C71 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 5Page - Zilog, Inc. Z86C71 Datasheet HTML 6Page - Zilog, Inc. Z86C71 Datasheet HTML 7Page - Zilog, Inc. Z86C71 Datasheet HTML 8Page - Zilog, Inc. Z86C71 Datasheet HTML 9Page - Zilog, Inc. Z86C71 Datasheet HTML 10Page - Zilog, Inc. Z86C71 Datasheet HTML 11Page - Zilog, Inc. Z86C71 Datasheet HTML 12Page - Zilog, Inc. Z86C71 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-9
1
TA = 0°C to +70°C
Typ @
Sym
Parameter
VCC
Min
Max
25
°C
Units
Conditions
Notes
ICC1
Standby Current
(WDT Off)
4.5V
5.5V
6
8
2
5
mA
mA
HALT Mode
VIN = OV, VCC @
8.0 MHz
HALT Mode
VIN = OV, VCC
@ 8.0 MHz
1,2
1,2
4.5V
5.5V
5
7
1.0
3.0
mA
mA
Clock Divide-by-
16 @ 8.0 MHz
Clock Divide-by-
16 @ 8.0 MHz
1,2
1,2
ICC2
Standby Current
4.5V
5.5V
8
10
2
3
µA
µA
STOP Mode
VIN = OV, VCC
WDT is not
Running
STOP Mode
VIN = OV, VCC
WDT is not
Running
3,5
3,5
4.5V
5.5V
500
800
310
600
µA
µA
STOP Mode
VIN = OV, VCC
WDT is Running
3,5
VICR
Input Common Mode
Voltage Range
2.0V
3.9V
0
0
VCC - 1.0V
VCC - 1.0V
V
V
8
TPOR
Power-On Reset
4.5V
5.5V
5.0
4.0
75
20
8.0
6.0
ms
ms
VRAM
Static RAM Data
Retention Voltage
VRAM
0.8
0.5
V
6
VLV
VCC Low Voltage
Protection
2.15
1.7
V
8 MHz max
Ext. CLK Freq.
4
Notes:
ICC1
Crystal/Resonator
External Clock Drive
Typ
3.5 mA
0.8 mA
Max
5
5
Unit
mA
mA
Frequency
8.0 MHz
8.0 MHz
1. All outputs unloaded, inputs at rail.
2. CL1 = CL2 = 100 pF
3. Same as note [4] except inputs at V CC.
4. The VLV increases as the temperature decreases.
5. Oscillator stopped
6. Oscillator stops when VCC falls below VLV limit.
7. 32 kHz clock driver input
8. For analog comparator, inputs when analog comparators are enabled.
* All Outputs excluding P00, P01, P36, and P37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com