Electronic Components Datasheet Search
  English  ▼

X  

Z86C71 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 19Page - Zilog, Inc. Z86C71 Datasheet HTML 20Page - Zilog, Inc. Z86C71 Datasheet HTML 21Page - Zilog, Inc. Z86C71 Datasheet HTML 22Page - Zilog, Inc. Z86C71 Datasheet HTML 23Page - Zilog, Inc. Z86C71 Datasheet HTML 24Page - Zilog, Inc. Z86C71 Datasheet HTML 25Page - Zilog, Inc. Z86C71 Datasheet HTML 26Page - Zilog, Inc. Z86C71 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-23
1
Counter/Timer Register Description
HI8(D)%0B: Holds the captured data from the output of the
8-bit Counter/Timer0. This register is typically used to hold
the number of counts when the input signal is 1.
L08(D)%0A: Holds the captured data from the output of
the 8-bit Counter/Timer0. This register is typically used to
hold the number of counts when the input signal is 0.
HI16(D)%09: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the MS-
Byte of the data.
L016(D)%08: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the LS-
Byte of the data.
TC16H(D)%07: Counter/Timer2 MS-Byte Hold Register.
TC16L(D)%06: Counter/Timer2 LS-Byte Hold Register.
TC8H(D)%05: Counter/Timer8 High Hold Register.
TC8L(D)%04: Counter/Timer8 Low Hold Register.
Expanded Register Group D
(D)%0C
Reserved
(D)%0B
HI8
(D)%0A
LO8
(D)%09
HI16
(D)%08
LO16
(D)%07
TC16H
(D)%06
TC16L
(D)%05
TC8H
(D)%04
TC8L
(D)%03
Reserved
(D)%02
CTR2
(D)%01
CTR1
(D)%00
CTR0
Field
Bit Position
Description
T8_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit Position
Description
T16_Capture_LO
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Capture_LO
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Data_HI
76543210
R
W
Data
Field
Bit
Position
Description
T16_Data_LO
76543210
R/W
Data
Field
Bit Position
Description
T8_Level_HI
76543210
R/W
Data
Field
Bit Position
Description
T8_Level_LO
76543210
R/W
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com