Electronic Components Datasheet Search
  English  ▼

X  

Z86E21 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86E21
Description  CMOS Z8 OTP MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E21 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86E21 Datasheet HTML 1Page - Zilog, Inc. Z86E21 Datasheet HTML 2Page - Zilog, Inc. Z86E21 Datasheet HTML 3Page - Zilog, Inc. Z86E21 Datasheet HTML 4Page - Zilog, Inc. Z86E21 Datasheet HTML 5Page - Zilog, Inc. Z86E21 Datasheet HTML 6Page - Zilog, Inc. Z86E21 Datasheet HTML 7Page - Zilog, Inc. Z86E21 Datasheet HTML 8Page - Zilog, Inc. Z86E21 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
12
22
33 32 31 30 29 28 27 26 25 24 23
12345678910
11
/RESET
R//W
/DS
/AS
P35
GND
P32
P00
P01
P02
R//RL
GND
P24
P23
P22
P21
P20
P33
P34
P17
P16
P15
Z86E21
QFP
44-Lead QFP Pin Identification
Pin #
Symbol
Function
Direction
1-5
P03-P07
Port 0 pin 3,4,5,6,7
In/Output
6
GND
Ground, GND
Input
7-14
P10-P17
Port 1 pin 0,1,2,3,4,5,6,7
In/Output
15
P34
Port 3 pin 4
Output
16
P33
Port 3 pin 3
Input
17-21
P20-P24
Port 2 pin 0,1,2,3,4
In/Output
22
GND
Ground, GND
Input
23-25
P25-P27
Port 2 pin 5,6,7
In/Output
26
P31
Port 3 pin 1
Input
27
P36
Port 3 pin 6
Output
28
GND
Ground, GND
Input
29
V
CC
Power Supply
Input
30
XTAL2
Crystal, Oscillator Clock
Output
Pin #
Symbol
Function
Direction
31
XTAL1
Crystal, Oscillator Clock
Input
32
P37
Port 3 pin 7
Output
33
P30
Port 3 pin 0
Input
34
/RESET
Reset
Input
35
R//W
Read/Write
Output
36
/DS
Data Strobe
Output
37
/AS
Address Strobe
Output
38
P35
Port 3 pin 5
Output
39
GND
Ground, GND
Input
40
P32
Port 3 pin 2
Input
41-43
P00-P02
Port 0 pin 0,1,2
In/Output
44
R//RL
ROM/ROMless control
Input
44-Lead QFP Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com