Electronic Components Datasheet Search
  English  ▼

X  

Z86E21 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86E21
Description  CMOS Z8 OTP MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E21 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86E21 Datasheet HTML 3Page - Zilog, Inc. Z86E21 Datasheet HTML 4Page - Zilog, Inc. Z86E21 Datasheet HTML 5Page - Zilog, Inc. Z86E21 Datasheet HTML 6Page - Zilog, Inc. Z86E21 Datasheet HTML 7Page - Zilog, Inc. Z86E21 Datasheet HTML 8Page - Zilog, Inc. Z86E21 Datasheet HTML 9Page - Zilog, Inc. Z86E21 Datasheet HTML 10Page - Zilog, Inc. Z86E21 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DC CHARACTERISTICS
T
A = 0°CTA = -40°C
to +70
°C
to +105
°C
Typical
Sym. Parameter
Min
Max
Min
Max
@ 25
°C Units
Conditions
Max Input Voltage
7
7
V
I
IN 250 µA
Max Input Voltage
13
13
V
P30-P33 Only
V
CH
Clock Input High Voltage
3.8
V
CC
3.8
V
CC
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
-0.03
0.8
-0.03
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage
2.0
V
CC
2.0
V
CC
V
V
IL
Input Low Voltage
-0.3
0.8
-0.3
0.8
V
V
OH
Output High Voltage
2.4
2.4
V
I
OH = -2.0 mA
V
OL
Output Low Voltage
0.4
0.4
V
I
OL = +2.0 mA
V
RH
Reset Input High Voltage
3.8
V
CC
3.8
V
CC
V
V
Rl
Reset Input Low Voltage
-0.03
0.8
-0.03
0.8
V
I
IL
Input Leakage
-10
10
-10
10
µA
0V V
IN +5.25V
I
OL
Output Leakage
-10
10
-10
10
µA
0V V
IN +5.25V
I
IR
Reset Input Current
-50
-50
µAV
CC= +5.25V, VRL = 0V
I
CC
Supply Current
50
50
25
mA
@ 12 MHz
60
60
35
mA
@ 16 MHz
I
CC1
Standby Current
15
15
5
mA
HALT Mode V
IN = OV, VCC @ 12 MHz
20
20
10
mA
HALT Mode V
IN = OV, VCC @ 16 MHz
I
CC2
Standby Current
20
20
5
µA
STOP Mode V
IN = OV, VCC @ 12 MHz
20
20
5
µA
STOP Mode V
IN = OV, VCC @ 16 MHz
Notes:
I
CC2
requires loading TMR (%F1H) with any value prior to STOP execution.
Use this sequence:
LD TMR,#00
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com