Electronic Components Datasheet Search
  English  ▼

X  

ENP7000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ENP7000
Description  specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP7000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ENP7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
2.5 Efficiency
Power supply efficiency typical 80% at normal AC main voltage and full load on all outputs.
2.6 Remote on/off control
When the logic level "PS-ON" is low, the DC outputs are to be enabled.
When the logic level is high or open collector, the DC outputs are to be disabled.
3. PROTECTION
3.1 Over-power protection
The power supply will be shutdown and latch off when output power over 110% ~ 150% of
rated DC output.
3.2 Over voltage protection
The over voltage sense circuitry and reference shall reside in packages that are separate and distinct
from the regulator control circuity and reference.No single point fault shall be able to cause a sustained
over voltage condition on any or all outputs.The supply shall provide latch-mode over voltage protection
as defined in Table.
output
Minimum
Nominal
Maximum
Unit
+12 VDC
13.4
15.0
15.6
Volts
+5 VDC
5.74
6.3
7.0
Volts
+3.3 VDC
3.76
4.2
4.3
Volts
3.3 Short circuit
An output short circuit is defined as any output impedance of less than 0.1 ohms.The power supply
shall shut down and latch off for shorting the +3.3 VDC,+5 VDC,or+12 VDC rails to return or any
other rail. Shorts between main output rails and +5VSB shall not cause any damage to the power
supply. The power supply shall either shut down and latch off or fold back for shorting the negative
rails.+5VSB must be capable of being shorted indefinitely,but when the short is removed,the power
supply shall recover automatically or by cycling PS_ON#.The power supply shall be capable of
ih
di
i
h
i
i
h
i h
d
h
i
withstanding a continuous short-circuit to the output without damage or overstress to the unit
3.4 No load operation
No damage or hazardous condition should occur with all the DC output connectors disconnected
from the load.The power supply may latch into the shutdown state.
AUDIT:________李 復 新 _______CHECK:______________DESIGN:___
ENP7000 80Plus S SPEC REV: 4 0
5 OF 10
2009/2/9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com