Electronic Components Datasheet Search
  English  ▼

X  

Z86743 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86743
Description  CMOS Z8 OTP Microcontrollers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86743 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86743 Datasheet HTML 1Page - Zilog, Inc. Z86743 Datasheet HTML 2Page - Zilog, Inc. Z86743 Datasheet HTML 3Page - Zilog, Inc. Z86743 Datasheet HTML 4Page - Zilog, Inc. Z86743 Datasheet HTML 5Page - Zilog, Inc. Z86743 Datasheet HTML 6Page - Zilog, Inc. Z86743 Datasheet HTML 7Page - Zilog, Inc. Z86743 Datasheet HTML 8Page - Zilog, Inc. Z86743 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CP97DZ83300
P R E L I M I N A R Y
1
1
PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
Z86E33/733/E34
Z86E43/743/E44
1
CMOS Z8® OTP MICROCONTROLLERS
FEATURES
s
Standard Temperature (VCC = 3.5V to 5.5V)
s
Extended Temperature (VCC = 4.5V to 5.5V)
s
28-Pin DIP/SOIC/PLCC Packages (E33/733/E34)
40-Pin DIP Package (E43/743/E44)
44-Pin PLCC/QFP Packages (E43/743/E44)
s
Software Enabled Watch-Dog Timer (WDT)
s
Push-Pull/Open-Drain Programmable on
Port 0, Port 1, and Port 2
s
Low-Power Consumption: 60 mW
s
Programmable Crystal
Oscillator, EPROM Protect,
RAM Protect, Auto Latch Disable, Permanent WDT,
32 KHz Oscillator, and EPROM /Test Mode Disable
s
Fast Instruction Pointer: 0.6
µs
s
Two Standby Modes: STOP and HALT
s
24/32 Input and Output Lines
s
Digital Inputs CMOS Levels, Schmitt-Triggered
s
Software Programmable Low EMI Mode
s
Two Programmable 8-Bit Counter/Timers Each with a 6-
Bit Programmable Prescaler
s
Six Vectored, Priority Interrupts from Six Different
Sources
s
Auto Latches
s
Auto Power-On Reset (POR)
s
Two Comparators
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, RC, or External Clock Drive
GENERAL DESCRIPTION
The Z86E33/733/E34/E43/743/E44 8-bit CMOS One-Time
Programmable (OTP) microcontrollers
are members of
Zilog's Z8® single-chip microcontroller family featuring en-
hanced wake-up circuitry, programmable Watch-Dog Tim-
ers, Low Noise EMI options, and easy hardware/software
system expansion capability.
Four basic address spaces support a wide range of mem-
ory configurations. The designer has easy access to regis-
ter mapped peripheral and I/O circuits.
For applications demanding powerful I/O capabilities, the
Z86E33/733/E34 have 24 pins and the Z86E43/743/E44
have 32 pins of dedicated input and output. These lines are
grouped into four ports, eight lines per port, and are config-
urable under software control to provide timing, status sig-
nals, and parallel I/O with or without handshake, and ad-
dress/data bus for interfacing external memory.
Notes: All Signals with a preceding front slash, "/", are
active Low, e.g., B//W (WORD is active Low); /B/W (BYTE
is active Low, only).
Device
ROM
(KBytes)
RAM*
(Bytes)
I/O
Lines
Speed
(MHz)
Z86E33
4
237
24
16
Z86733
8
237
24
16
Z86E34
16
237
24
16
Z86E43
4
236
32
16
Z86743
8
236
32
16
Z86E44
16
236
32
16
Note: *General-Purpose


Similar Part No. - Z86743

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86743 ZILOG-Z86743 Datasheet
33Kb / 10P
PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
More results

Similar Description - Z86743

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
CMOS Z8 OTP MICROCONTROLLERS
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
CMOS Z8 OTP Microcontrollers
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com