Electronic Components Datasheet Search
  English  ▼

X  

Z89135 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z89135
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89135 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z89135 Datasheet HTML 17Page - Zilog, Inc. Z89135 Datasheet HTML 18Page - Zilog, Inc. Z89135 Datasheet HTML 19Page - Zilog, Inc. Z89135 Datasheet HTML 20Page - Zilog, Inc. Z89135 Datasheet HTML 21Page - Zilog, Inc. Z89135 Datasheet HTML 22Page - Zilog, Inc. Z89135 Datasheet HTML 23Page - Zilog, Inc. Z89135 Datasheet HTML 24Page - Zilog, Inc. Z89135 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-21
1
Port 0. (P07-P00). Port 0 is an 8-bit, bidirectional, CMOS-
compatible port. These eight I/O lines are configured un-
der software control as a nibble I/O port, or as an address
port for interfacing external memory. The input buffers are
Schmitt-triggered and the output drivers are push-pull.
Port 0 is placed under handshake control. In this configu-
ration, Port 3, lines P32 and P35 are used as the hand-
shake control /DAV0 and RDY0. Handshake signal direc-
tion is dictated by the I/O direction to Port 0 of the upper
nibble P07-P04. The lower nibble must have the same di-
rection as the upper nibble.
The Auto Latch on Port 0 puts valid CMOS levels on all
CMOS inputs which are not externally driven. Whether this
level is 0 or 1, cannot be determined. A valid CMOS level,
rather than a floating node, reduces excessive supply cur-
rent flow in the input buffer.
For external memory references, Port 0 provides address
bits A11-A8 (lower nibble) or A15-A8 (lower and upper nib-
ble) depending on the required address space. If the ad-
dress range requires 12 bits or less, the upper nibble of
Port 0 can be programmed independently as I/O while the
lower nibble is used for addressing. If one or both nibbles
are needed for I/O operation, they are configured by writ-
ing to the Port 0 mode register.
In ROMless mode, after a hardware reset, Port 0 is config-
ured as address lines A15-A8, and extended timing is set
to accommodate slow memory access. The initialization
routine can include reconfiguration to eliminate this ex-
tended timing mode. (In ROM mode, Port 0 is defined as
input after reset.)
Port 0 is set in the high-impedance mode if selected as an
address output state along with Port 1 and the control sig-
nals /AS, /DS and R//W (Figure 10).
Figure 10. Port 0 Configuration
OEN
Out
In
PAD
Auto Latch
Port 0
(I/O or A15 - A8)
Handshake Controls
/DAV0 and RDY0
(P32 and P35)
Z89135/136
MCU
4
4
R = 500 K
Ω
1.5
2.3V Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com