Electronic Components Datasheet Search
  English  ▼

X  

Z89135 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z89135
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89135 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z89135 Datasheet HTML 45Page - Zilog, Inc. Z89135 Datasheet HTML 46Page - Zilog, Inc. Z89135 Datasheet HTML 47Page - Zilog, Inc. Z89135 Datasheet HTML 48Page - Zilog, Inc. Z89135 Datasheet HTML 49Page - Zilog, Inc. Z89135 Datasheet HTML 50Page - Zilog, Inc. Z89135 Datasheet HTML 51Page - Zilog, Inc. Z89135 Datasheet HTML 52Page - Zilog, Inc. Z89135 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-49
1
ANALOG CONTROL REGISTER (ACR)
The Analog Control register is mapped to register EXT6 of
the DSP (Table 15). This read/write register is accessible
by the DSP only.
The 16-bit field of EXT6 defines modes of both the A/D and
the D/A. The High Byte configures the D/A, while the Low
Byte controls the A/D mode.
Table 15. EXT6 Analog Control Register (ACR)
Field
Position
Attrib
Value
Label
MPX_DSP_INT0
f---------------
R/W
1
0
P26
Timer3
Reserved
-edcb-----------
R
W
Return “0”
No Effect
D/A_SamplingRate
-----a98--------
R/W
11x
101
100
010
011
001
000
Reserved
Reserved
64 kHz
16 kHz
10 kHz
4 kHz
Reserved
DSP_port
--------76------
R/W
User defined DSP
Outputs
Enable A/D
----------5-----
R/W
1
0
A/D Enabled
A/D Disabled
ConversionDone
-----------4----
W
R1
0
No effect
Done
Not Done
StartConversion
------------3---
R/W
1
0
Start
Wait Timer
A/D_SamplingRate
-------------210
R/W
11x
101
100
010
011
001
000
Reserved
Reserved
128 kHz
64 kHz
32 kHz
16 kHz
8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com