Electronic Components Datasheet Search
  English  ▼

X  

Z89166 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89166
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89166 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89166 Datasheet HTML 1Page - Zilog, Inc. Z89166 Datasheet HTML 2Page - Zilog, Inc. Z89166 Datasheet HTML 3Page - Zilog, Inc. Z89166 Datasheet HTML 4Page - Zilog, Inc. Z89166 Datasheet HTML 5Page - Zilog, Inc. Z89166 Datasheet HTML 6Page - Zilog, Inc. Z89166 Datasheet HTML 7Page - Zilog, Inc. Z89166 Datasheet HTML 8Page - Zilog, Inc. Z89166 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
184
Z89168
84-Pin PLCC
33
42 43
32
53
54
11
12
75
74
VCC
ADDR0
ADDR1
ADDR2
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ARAM_SEL0
ARAM_SEL1
DATA0
DATA1
DATA2
DATA3
/RAS
/CAS
GND
VCC
C_CLOCK
C_EN0
C_EN1
P50
P51
P52
P53
OUT_5V
GND
/AS
P37
P36
P35
P34
P33
P32
P31
PWM
P10
GND
ADDR3
PIN DESCRIPTION (Continued)
Z89168 84-Pin PLCC Pin Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com