Electronic Components Datasheet Search
  English  ▼

X  

Z89166 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z89166
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89166 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z89166 Datasheet HTML 2Page - Zilog, Inc. Z89166 Datasheet HTML 3Page - Zilog, Inc. Z89166 Datasheet HTML 4Page - Zilog, Inc. Z89166 Datasheet HTML 5Page - Zilog, Inc. Z89166 Datasheet HTML 6Page - Zilog, Inc. Z89166 Datasheet HTML 7Page - Zilog, Inc. Z89166 Datasheet HTML 8Page - Zilog, Inc. Z89166 Datasheet HTML 9Page - Zilog, Inc. Z89166 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
PIN DESCRIPTION (Continued)
Z89168 84-Pin PLCC Pin Identification
I/O Port
Functions
Pin Number
I/O
Function
V
SS
32, 54, 65
Digital Ground
V
CC
12, 44, 74, 45
Digital VCC = +5 V
P00-P07
43-36
Input/Output
P00-P07 (General-purpose nibble programmable I/O port.)
P10-P17
55, 53-51, 49-46
Input/Output
P10-P17 (General-purpose byte programmable I/O port.)
P20-P27
2-9
Input/Output
P20-P27 (General-purpose bit programmable I/O.)
P31-P37
57-63
Input/Output
P31-P37 (General-purpose I/O port. Bits P31-P33 are inputs, while
bits P34-P37 are outputs.)
P40-P47
77-84
Input/Output
P40-P47 (General-purpose bit programmable I/O.)
P50-P53
70-67
Input/Output
P50-P53 (General-purpose bit programmable I/O.)
C_DIN
76
Input
Data input from CODEC.
C_DOUT
75
Output
Data output to CODEC.
C_CLOCK
73
Output
CODEC clock (2.048 MHz)
C_ENA0
72
Output
CODEC 0 enable (8 kHz)
C_ENA1
71
Output
CODEC 1 enable (8 kHz)
PWM
56
Output
Pulse Width Modulator output
DATA0
26
Input/Output
Data 0 I/O of the ARAM Interface
DATA1
27
Input/Output
Data 1 I/O of the ARAM Interface
DATA2
28
Input/Output
Data 2 I/O of the ARAM Interface
DATA3
29
Input/Output
Data 3 I/O of the ARAM Interface
ADDR0
13
Output
Address 0 line of the ARAM Interface
ADDR1
14
Output
Address 1 line of the ARAM Interface
ADDR2
15
Output
Address 2 line of the ARAM Interface
ADDR3
16
Output
Address 3 line of the ARAM Interface
ADDR4
17
Output
Address 4 line of the ARAM Interface
ADDR5
18
Output
Address 5 line of the ARAM Interface
ADDR6
19
Output
Address 6 line of the ARAM Interface
ADDR7
20
Output
Address 7 line of the ARAM Interface
ADDR8
21
Output
Address 8 line of the ARAM Interface
ADDR9
22
Output
Address 9 line of the ARAM Interface
ADDR10
23
Output
Address 10 line of the ARAM Interface for 4 Meg ARAMs. Select 2
output of ARAM Interface for 1 Meg ARAMs support. The latter
mode is used to switch between different pages of ARAM.
ARAM_SEL0
24
Output
Select 0 output of ARAM Interface. Used to switch between
different pages of ARAM.
ARAM_SEL1
25
Output
Select 1 output of ARAM Interface. Used to switch
between
different pages of ARAM.
/RAS
30
Output
Row Address Strobe of ARAM Interface.
/CAS
31
Output
Column Address Strobe of ARAM Interface.
ARAM_R/W
34
Output
Read/Write Strobe of ARAM Interface.
ARAM_/OE
33
Output
Output Enable Strobe of ARAM Interface.
XTAL1
11
Input
24.57 MHz crystal input
XTAL2
10
Output
24.57 MHz crystal output
/Reset
35
Input
/RESET input
R/W
50
Output
Z8® external memory interface R/W output
/AS
64
Output
Z8 external memory interface /AS output
/DS
1
Output
Z8 external memory interface /DS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com