Electronic Components Datasheet Search
  English  ▼

X  

Z89175 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z89175
Description  Voice Processing Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89175 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z89175 Datasheet HTML 10Page - Zilog, Inc. Z89175 Datasheet HTML 11Page - Zilog, Inc. Z89175 Datasheet HTML 12Page - Zilog, Inc. Z89175 Datasheet HTML 13Page - Zilog, Inc. Z89175 Datasheet HTML 14Page - Zilog, Inc. Z89175 Datasheet HTML 15Page - Zilog, Inc. Z89175 Datasheet HTML 16Page - Zilog, Inc. Z89175 Datasheet HTML 17Page - Zilog, Inc. Z89175 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Z89175/Z89176
Voice Processing Controllers
Zilog
14
P R E L I M I N A R Y
DS97TAD0100
DC ELECTRICAL CHARACTERISTICS
Z89175 A/D Converter
TA = 0° C to +70°C
Sym
Parameter
VDD
Min
Max
Units
Conditions
IIL
Input Leakage
Analog Input
5.5V
1.00
µA
ANVDD
=
5.50
V
VIN
=
0.00
V
VREFH
=
5.50
V
VREFL
=
0.00
V
IIH
Input Leakage
Analog Input
5.5V
2.00
µA
ANVDD
=
5.50
V
VIN
=
5.50
V
VREFH
=
5.50
V
VREFL
=
0.00
V
IVREFH
Input Current
5.5V
1.00
mA
VIN
=
5.50
V
VREFL
=
0.00
V
ANVDD
=
5.50
V
IVREFL
Input Current
5.5V
2
µAV
IN
=
5.50
V
VREFL
=
5.50
V
ANVDD
=
5.50
V
IVEFL
Input Current
5.5V
–2.00
mA
VIN
=
0.00
V
VREFH
=
5.50
V
ANVDD
=
0.00
V
IVREFL
Input Current
5.5V
2
µAV
IN
=
0.00
V
VREFH
=
5.50
V
ANVDD
=
5.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com