Electronic Components Datasheet Search
  English  ▼

X  

Z89175 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z89175
Description  Voice Processing Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89175 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z89175 Datasheet HTML 45Page - Zilog, Inc. Z89175 Datasheet HTML 46Page - Zilog, Inc. Z89175 Datasheet HTML 47Page - Zilog, Inc. Z89175 Datasheet HTML 48Page - Zilog, Inc. Z89175 Datasheet HTML 49Page - Zilog, Inc. Z89175 Datasheet HTML 50Page - Zilog, Inc. Z89175 Datasheet HTML 51Page - Zilog, Inc. Z89175 Datasheet HTML 52Page - Zilog, Inc. Z89175 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Z89175/Z89176
Zilog
Voice Processing Controllers
DS97TAD0100
P R E L I M I N A R Y
49
2
Figure 34. Interprocessor Interrupts Structure
4
9
After serving IRQ3,
set D0 to clear the
interrupt request.
The DSP sets D9 to
interrupt Z8 via Z8 IRQ3.
IRQ3 of the Z8
DSP INT2
After serving INT2,
set D4 to clear the
interrupt request.
On the Z8, set D1 to
interrupt DSP via DSP INT2.
DSP Side
Z8 Side
10
DSP CON
ICR
(EXT4)
Table 15. EXT4 DSP Interrupt Control Register (ICR) Definition
Field
Position
Attrib
Value
Label
DSP_IRQ2
f---------------
R
1
Set_IRQ2
0
Reset_IRQ2
f---------------
W
No effect
DSP_IRQ1
-e--------------
R
1
Set_IRQ1
0
Reset_IRQ1
-e--------------
W
No effect
DSP_IRQ0
--d-------------
R
1
Set_IRQ0
0
Reset_IRQ0
--d-------------
W
No effect
DSP_MaskINT2
---c------------
R/W
1
Enable_INT2
0
Disable_INT2
DSP_MaskINT1
----b-----------
R/W
1
Enable_INT1
0
Disable_INT1
DSP_MaskINT0
-----a----------
R/W
1
Enable_INT0
0
Disable_INT0
Z8_IRQ3
------9---------
R
Return "0"
------9---------
W
1
Set_Z8_IRQ3
0
Reset_Z8_IRQ3
DSPintEnable
-------8--------
R/W
1
Enable
0
Disable
DSP_IPR2
--------7-------
R/W
Binary
IPR2
DSP_IPR1
---------6------
R/W
Binary
IPR1
DSP_IPR0
----------5-----
R/W
Binary
IPR0
Clear_IRQ2
-----------4----
R
Return "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com