Electronic Components Datasheet Search
  English  ▼

X  

Z89303 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89303
Description  DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89303 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89303 Datasheet HTML 1Page - Zilog, Inc. Z89303 Datasheet HTML 2Page - Zilog, Inc. Z89303 Datasheet HTML 3Page - Zilog, Inc. Z89303 Datasheet HTML 4Page - Zilog, Inc. Z89303 Datasheet HTML 5Page - Zilog, Inc. Z89303 Datasheet HTML 6Page - Zilog, Inc. Z89303 Datasheet HTML 7Page - Zilog, Inc. Z89303 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PRELIMINARY
Z89303/05/07
CPS DC-4222-03
PIN DESCRIPTIONS
Z89303/05/07
Pin
Z89303/05/07
Configuration
Name
Function
52-Pin
Direction
Reset
V
CC
+5 V
17,38
PWR
–
GND
0 V
10,40
PWR
–
IRIN
Infrared Remote Capture Input
2
I
I
ADC[5:0]a
4-Bit Analog to Digital Converter
44,11,12,6,35,43
nAI
I
Inputb
PWM10,
14-Bit Pulse Width Modulator
–,1
OD
O
PWM9
Output
PWM[8:1]c
8-Bit Pulse Width Modulator
52,51,50,49,
OD
O
Output
48,47,46,45
Port0[F:0]d
Bit Programmable
36,5,28,27,26,25,
B
I
Input/Output Ports
16,15,14,13,12,
11,9,8,7,6
Port1[9:0]c
Bit Programmable
4,3,35,24,23,22,
B
I
Input/Output Ports
21,20,19,18
SCLf
12C Clock I/O
7 or 19
BOD
SCDg
12C Data I/O
8 or 20
BOD
XTAL1
Crystal Oscillator Input
3 9
AI
I
XTAL2
Crystal Oscillator Output
4 1
AO
O
LPF
Loop Filter
4 2
AB
O
HSYNC
H_Sync
2 9
B
I
VSYNC
V_Sync
3 0
B
I
/RESET
Device Reset
3 7
I
I
V[3:1]
OSD Video Output
31,32,33
O
O
(Typically Drive B, G, and R Outputs)
Blank
OSD Blank Output
3 4
O
O
Half Blankh
OSD Half Blank Output
3 6
O
RGB Digital
R[1:0],G[1:0], and B[1:0]
23,22,21,
O
Outputsi
Outputs of the RGB Matrix
18,15,3
SCLKk
Internal Processor SCLK
2 4
O



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com