Electronic Components Datasheet Search
  English  ▼

X  

Z89303 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89303
Description  DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89303 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89303 Datasheet HTML 1Page - Zilog, Inc. Z89303 Datasheet HTML 2Page - Zilog, Inc. Z89303 Datasheet HTML 3Page - Zilog, Inc. Z89303 Datasheet HTML 4Page - Zilog, Inc. Z89303 Datasheet HTML 5Page - Zilog, Inc. Z89303 Datasheet HTML 6Page - Zilog, Inc. Z89303 Datasheet HTML 7Page - Zilog, Inc. Z89303 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PRELIMINARY
Z89303/05/07
CPS DC-4222-03
V1, V2, V3 ANALOG OUTPUT
Specifications V
CC = 5.25 V
V
CC = 5.25 V
Condition
Limit
Output Voltage
Bit = 11
4.55 V +/– 0.25 V
Bit = 10
3.205V +/– 0.2 V
Bit = 01
1.95 V +/– 0.15 V
Bit = 00
0.65 V +/– 0.1 V
Settling Time
70% of DC Level, 10pf Load
< 50 nsec
V1, V2, V3 ANALOG OUTPUT
Specifications V
CC = 4.75V
V
CC = 4.75V
Condition
Limit
Output Voltage
Bit = 11
3.90 V +/– 0.25 V
Bit = 10
2.90 V +/– 0.2 V
Bit = 01
1.90 V +/– 0.15 V
Bit = 00
0.1 V +/– 0.1 V
Settling Time
70% of DC Level, 10pf Load
< 50 nsec
32K Oscillator Recommended Circuit
Notes:
c) PWM[8,7] is not available on the 40-pin DIP version.
d) Port0[F:A] is not available on the 40-pin DIP version.
e) Port19 is not available on the 40-pin DIP version.
f)
SCL I/O pin is shared with Port0 or Port11.
g) SCD I/O pin is shared with Port02 or Port12.
h) Half Blank output is a function shared with Port0F.
Half Blank output is not available on the 40-pin DIP version.
i)
Digital RGB outputs and the internal SCLK are shared with Port1[5:0].
k)
Internal processor SCLK is shared with Port16.
Z893XX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com