Electronic Components Datasheet Search
  English  ▼

X  

F2250 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F2250
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2250 Datasheet(HTML) 2 Page - Integrated Device Technology

  F2250 Datasheet HTML 1Page - Integrated Device Technology F2250 Datasheet HTML 2Page - Integrated Device Technology F2250 Datasheet HTML 3Page - Integrated Device Technology F2250 Datasheet HTML 4Page - Integrated Device Technology F2250 Datasheet HTML 5Page - Integrated Device Technology F2250 Datasheet HTML 6Page - Integrated Device Technology F2250 Datasheet HTML 7Page - Integrated Device Technology F2250 Datasheet HTML 8Page - Integrated Device Technology F2250 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
Voltage Variable RF Attenuator
2
REV O, July 2015
IDTF2255NLGK
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
5.5
V
VMODE to GND
VMODE
-0.3
Minimum ( VDD, 3.9 )
V
VCTRL to GND
VDD = 0V to 5.25V
VCTRL
-0.3
Minimum ( VDD, 4.0 )
V
RF1, RF2 to GND
VRF
-0.3
0.3
V
RF1 or RF2 Input Power applied for 24 hours maximum
(VDD applied @ 2GHz and Tc=+85°C)
PMAX24
30
dBm
RF1 or RF2 Continuous Operating Power
PMAX_OP
See Figure 1
dBm
Maximum Junction Temperature
TJMAX
+150
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per ESD STM5.1-2007)
VESDHBM
Class 2
ESD Voltage – CDM (Per ESD STM5.3.1-2009)
VESDCDM
Class C3
FIGURE 1: MAXIMUM OPERATING RF INPUT POWERS VS. RF FREQUENCY
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
ΘJA (Junction – Ambient)
80.6°C/W
ΘJC (Junction – Case) The Case is defined as the exposed paddle
5.1°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com