Electronic Components Datasheet Search
  English  ▼

X  

F2250 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F2250
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2250 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F2250 Datasheet HTML 9Page - Integrated Device Technology F2250 Datasheet HTML 10Page - Integrated Device Technology F2250 Datasheet HTML 11Page - Integrated Device Technology F2250 Datasheet HTML 12Page - Integrated Device Technology F2250 Datasheet HTML 13Page - Integrated Device Technology F2250 Datasheet HTML 14Page - Integrated Device Technology F2250 Datasheet HTML 15Page - Integrated Device Technology F2250 Datasheet HTML 16Page - Integrated Device Technology F2250 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
Voltage Variable RF Attenuator
13
REV O, July 2015
IDTF2255NLGK
Datasheet
TYPICAL OPERATING CONDITIONS 500MHZ, VDD=3.3V [IP3, IP2, IH2, IH3 VS. VCTRL, RF1/RF2 DRIVEN] (-8-)
Input IP3 vs. VCTRL
Input IP2 vs. VCTRL
2
nd Harm Input Intercept Point vs. V
CTRL
Output IP3 vs. VCTRL
Output IP2 vs. VCTRL
3
rd Harm Input Intercept Point vs. V
CTRL
20
30
40
50
60
70
80
0
0.4
0.8
1.2
1.6
2
2.4
2.8
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
40
50
60
70
80
90
100
110
120
0
0.4
0.8
1.2
1.6
2
2.4
2.8
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
50
60
70
80
90
100
110
120
130
0
0.4
0.8
1.2
1.6
2
2.4
2.8
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
20
30
40
50
60
70
0
0.4
0.8
1.2
1.6
2
2.4
2.8
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
30
40
50
60
70
80
90
100
110
120
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2
2.4
2.8
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com