Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 3 Page - Integrated Device Technology

  F2255 Datasheet HTML 1Page - Integrated Device Technology F2255 Datasheet HTML 2Page - Integrated Device Technology F2255 Datasheet HTML 3Page - Integrated Device Technology F2255 Datasheet HTML 4Page - Integrated Device Technology F2255 Datasheet HTML 5Page - Integrated Device Technology F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
Voltage Variable RF Attenuator
3
REV O, July 2015
IDTF2255NLGK
Datasheet
IDTF2255 OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating Freq Range
FRF
1
3000
MHz
Supply Voltage
VDD
3.15
5.25
V
VMODE Logic
VIH
VDD > 3.9V
1.17
3.6
2
V
VDD = 3.15 to 3.9V
1.17
VDD -0.3V
VIL
0
0.63
VCTRL Range
VCTRL
VDD = 3.9V to 5.25V
0
3.6
V
VDD = 3.15V to 3.9V
0
VDD-0.3
Supply Current
IDD
0.80
1
1.15
1.50
mA
Logic Current
IMODE
-1.0
24
µA
ICTRL Current
ICTRL
-1.0
10
µA
RF Operating Power
3
PMAXCW
See
Figure 1
dBm
RF1 Port Impedance
ZRF1
50
RF2 Port Impedance
ZRF2
50
Operating Temperature
Range
TCASE
Exposed Paddle
Temperature
-40
+105
°C
Operating Conditions Notes:
1 – Items in min/max columns in
bold italics are Guaranteed by Test.
2 – Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
3 – Refer to the Maximum Operating RF Input Power vs. RF Frequency curves in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com