Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 10Page - Integrated Device Technology F2255 Datasheet HTML 11Page - Integrated Device Technology F2255 Datasheet HTML 12Page - Integrated Device Technology F2255 Datasheet HTML 13Page - Integrated Device Technology F2255 Datasheet HTML 14Page - Integrated Device Technology F2255 Datasheet HTML 15Page - Integrated Device Technology F2255 Datasheet HTML 16Page - Integrated Device Technology F2255 Datasheet HTML 17Page - Integrated Device Technology F2255 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
Voltage Variable RF Attenuator
14
REV O, July 2015
IDTF2255NLGK
Datasheet
TYPICAL OPERATING CONDITIONS 500MHZ, VDD=3.3V [IP3, IP2, IH2, IH3 VS. ATTENUATION] (-9-)
Input IP3 vs. Attenuation
Input IP2 vs. Attenuation
2
nd Harm Input Intercept Point vs. Attenuation
Output IP3 vs. Attenuation
Output IP2 vs. Attenuation
3
rd Harm Input Intercept Point vs. Attenuation
20
30
40
50
60
70
80
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C
60
70
80
90
100
110
120
130
140
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C
10
20
30
40
50
60
70
80
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C
25C
105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com