Electronic Components Datasheet Search
  English  ▼

X  

F1701 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F1701
Description  RF to IF Single Downconverting Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1701 Datasheet(HTML) 2 Page - Integrated Device Technology

  F1701 Datasheet HTML 1Page - Integrated Device Technology F1701 Datasheet HTML 2Page - Integrated Device Technology F1701 Datasheet HTML 3Page - Integrated Device Technology F1701 Datasheet HTML 4Page - Integrated Device Technology F1701 Datasheet HTML 5Page - Integrated Device Technology F1701 Datasheet HTML 6Page - Integrated Device Technology F1701 Datasheet HTML 7Page - Integrated Device Technology F1701 Datasheet HTML 8Page - Integrated Device Technology F1701 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
2
RevO December 2013
IDTF1701NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
STBY
-0.3V to (VCC + 0.3V)
IF_OUT+, IF_OUT-, RF_IN
-0.3V to (VCC + 0.3V)
LO_IN
-0.3V to +0.3V
IF_SET to GND, IF_BIAS to GND
-0.3V to +1.2V
RF Input Power
+20dBm
Continuous Power Dissipation
1.3W
θJA (Junction – Ambient)
+40°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +105°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com