Electronic Components Datasheet Search
  English  ▼

X  

F1701 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F1701
Description  RF to IF Single Downconverting Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1701 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F1701 Datasheet HTML 16Page - Integrated Device Technology F1701 Datasheet HTML 17Page - Integrated Device Technology F1701 Datasheet HTML 18Page - Integrated Device Technology F1701 Datasheet HTML 19Page - Integrated Device Technology F1701 Datasheet HTML 20Page - Integrated Device Technology F1701 Datasheet HTML 21Page - Integrated Device Technology F1701 Datasheet HTML 22Page - Integrated Device Technology F1701 Datasheet HTML 23Page - Integrated Device Technology F1701 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
21
RevO December 2013
IDTF1701NBGI
Datasheet
PIN DESCRIPTIONS
Pin
Name
Function
1
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
2
RF_IN
RF Input. Internally matched to 50Ω. Do not apply DC to this
pin.
3
GND [RF_RTN]
RF input Balun return. Ground this pin
4
GND
Internally bonded to GND
5
GND [NC]
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
6
VCC [NC]
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
7
IF_BIAS
Connect the specified resistor from this pin to ground to
optimize linearity.
8
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
9
NC [die ID]
This pin serves as the die ID. Leave it unconnected
10
GND
Internally bonded to GND
11
LO_IN
Local Oscillator Input. This input is internally matched to 50Ω.
This pin requires an input DC-blocking capacitor
12
GND
Internally bonded to GND
13
GND [LO_ADJ]
Ground this pin for best linearity performance. A resistor
from this pin to GND can be used to reduce DC power
consumption while slightly degrading linearity performance.
14
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
15
NC
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
16
L_EXT
Connect an external inductor to GND to optimize LO-IF
leakage performance.
17
STBY
Ground for normal operation. Pull high to disable
18
IF_OUT-
Mixer Differential IF Output. Connect pullup inductor from this
pin to VCC (see the Typical Application Circuit).
19
IF_OUT+
Mixer Differential IF Output. Connect pullup inductor from this
pin to VCC (see the Typical Application Circuit).
20
IF_SET
Connect the specified resistor from this pin to ground to set
the correct Icc for the IF amplifier.
— EP
Exposed Pad. Internally connected to GND. Connect to
Ground with multiple vias for good thermal relief



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com