Electronic Components Datasheet Search
  English  ▼

X  

Z89393 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z89393
Description  16-BIT DIGITAL SIGNAL PROCESSORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89393 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z89393 Datasheet HTML 17Page - Zilog, Inc. Z89393 Datasheet HTML 18Page - Zilog, Inc. Z89393 Datasheet HTML 19Page - Zilog, Inc. Z89393 Datasheet HTML 20Page - Zilog, Inc. Z89393 Datasheet HTML 21Page - Zilog, Inc. Z89393 Datasheet HTML 22Page - Zilog, Inc. Z89393 Datasheet HTML 23Page - Zilog, Inc. Z89393 Datasheet HTML 24Page - Zilog, Inc. Z89393 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
Z89323/373/393
16-BIT DIGITAL SIGNAL PROCESSORS
PRELIMINARY
DS95DSP0101 Q4/95
START (bits 9, 8)
ADST1
ADST0
Mode
0
0
Conversion starts when
this register is written.
0
1
Conversion starts on a
rising edge INT1 input pin.
1
0
Conversion starts when
Timer 2 times out.
1
1
Conversion starts when
Timer 0 times out.
There are four ADC result registers. For their location in the
different banks, see EXT Register Assignments.
Figure 12 shows the input circuit of the ADC. When
conversion starts, the analog input voltage from one of the
eight channel inputs is connected to the MSB and LSB
flash converter inputs as shown in the Input Impedance
CKT diagram. This effectively shunts 31 parallel internal
resistance of the analog switches and simultaneously
charges 31 parallel 0.5 pF capacitors, which is equivalent
to seeing a 400 Ohms input impedance in parallel with a
16 pF capacitor. Other input stray capacitance adds about
10 pF to the input load. For input source, resistances up to
2 kOhms can be used under normal operating conditions
without any degradation of the input settling time. For
larger input source resistance longer conversion cycle
time may be required to compensate the input settling time
factor.
CMOS Switch
on Resistance
2 - 5 k
Ω
C Parasitic
R Source
V Ref
C .5 pF
V Ref
C .5 pF
V Ref
C .5 pF
31 CMOS Digital
Comparators
Figure 12. Input Impedance of ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com