Electronic Components Datasheet Search
  English  ▼

X  

LM748 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM748
Description  Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM748 Datasheet(HTML) 2 Page - Texas Instruments

  LM748 Datasheet HTML 1Page - Texas Instruments LM748 Datasheet HTML 2Page - Texas Instruments LM748 Datasheet HTML 3Page - Texas Instruments LM748 Datasheet HTML 4Page - Texas Instruments LM748 Datasheet HTML 5Page - Texas Instruments LM748 Datasheet HTML 6Page - Texas Instruments LM748 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OBSOLETE
LM748
SNOS660C – NOVEMBER 1994 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
±22V
Power Dissipation (3)
500 mW
Differential Input Voltage
±30V
Input Voltage (4)
±15V
Output Short-Circuit Duration
See (5)
Operating Temperature Range:
LM748C
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
+300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For operating at elevated temperatures, the device must be derated based on a maximum junction to case thermal resistance of 45°C
per watt, or 150°C per watt junction to ambient. (See Curves in the SPECIFIED PERFORMANCE CHARACTERISTICS section).
(4)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(5)
Continuous short circuit is allowed for case temperatures to +125°C and ambient temperatures to +70°C.
ELECTRICAL CHARACTERISTICS
(1)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
TA = 25°C, RS ≤ 10 kΩ
1.0
5.0
mV
Input Offset Current
TA = 25°C
40
200
nA
Input Bias Current
TA = 25°C
120
500
nA
Input Resistance
TA = 25°C
300
800
k
Ω
Supply Current
TA = 25°C, VS = ± 15V
1.8
2.8
mA
Large Signal
TA = 25°C, VS = ± 15V
50
160
V/mV
Voltage Gain
VOUT = ± 10V, RL ≥ 2 kΩ
Input Offset Voltage
RS ≤ 10 kΩ
6.0
mV
Average Temperature
RS ≤ 50Ω
3.0
µV/°C
Coefficient of Input
RS ≤ 10 kΩ
6.0
µV/°C
Offset Voltage
Input Offset Current
TA = 0°C to +70°C
300
nA
TA = −55°C to +125°C
500
nA
Input Bias Current
TA = 0°C to +70°C
0.8
µA
TA = −55°C to +125°C
1.5
µA
Supply Current
TA = +125°C, VS = ± 15V
1.2
2.25
mA
TA = −55°C to +125°C
1.9
3.3
mA
Large Signal
VS = ± 15V, VOUT = ± 10V
25
V/mV
Voltage Gain
RL ≥ 2 kΩ
Output Voltage Swing
VS = ± 15V, RL = 10 kΩ
±12
±14
V
VS = ± 15V, RL = 2 kΩ
±10
±13
V
Input Voltage Range
VS = ± 15V
±12
V
Common-Mode
RS ≤ 10 kΩ
70
90
dB
Rejection Ratio
Supply Voltage
RS ≤ 10 kΩ
77
90
dB
Rejection Mode
(1)
These specifications apply for ±5V
≤ VS ≤ +15V and 0°C ≤ TA ≤ +70°C, unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM748



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com