Electronic Components Datasheet Search
  English  ▼

X  

LM748 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM748
Description  Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM748 Datasheet(HTML) 1 Page - Texas Instruments

  LM748 Datasheet HTML 1Page - Texas Instruments LM748 Datasheet HTML 2Page - Texas Instruments LM748 Datasheet HTML 3Page - Texas Instruments LM748 Datasheet HTML 4Page - Texas Instruments LM748 Datasheet HTML 5Page - Texas Instruments LM748 Datasheet HTML 6Page - Texas Instruments LM748 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2
3
4
5
6
7
8
COMP
COMP
INVERTING INPUT
V
+
NON-INVERTING INPUT
OUTPUT
V
-
BALANCE
-
+
OBSOLETE
LM748
www.ti.com
SNOS660C – NOVEMBER 1994 – REVISED APRIL 2013
LM748 Operational Amplifier
Check for Samples: LM748
1
FEATURES
DESCRIPTION
The LM48 is a general purpose operational amplifier
•
Frequency Compensation with a Single 30 pF
with external frequency compensation.
Capacitor
The unity-gain compensation specified makes the
•
Operation from ±5V to ±20V
circuit stable for all feedback configurations, even
•
Continuous Short-Circuit Protection
with capacitive loads. It is possible to optimize
•
Operation as a Comparator with Differential
compensation for best high frequency performance at
Inputs as High as ±30V
any gain. As a comparator, the output can be
clamped at any desired level to make it compatible
•
No Latch-Up When Common Range is
with logic circuits.
Exceeded
•
Same Pin Configuration as the LM101
The LM748C is specified for operation over the 0°C
to +70°C temperature range.
Connection Diagram
Figure 1. Dual-In-Line Package (Top View)
See Package Number P0008E
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM748

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM748 NSC-LM748 Datasheet
126Kb / 6P
LM748 Operational Amplifier
logo
Texas Instruments
LM7480 TI-LM7480 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7480 TI-LM7480 Datasheet
4Mb / 43P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7480-Q1 TI1-LM7480-Q1 Datasheet
8Mb / 41P
LM7480x-Q1 Ideal Diode Controller with Load Dump Protection
LM7480-Q1 TI-LM7480-Q1 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
More results

Similar Description - LM748

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com