Electronic Components Datasheet Search
  English  ▼

X  

LM358M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM358M
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358M Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM358M Datasheet HTML 3Page - Texas Instruments LM358M Datasheet HTML 4Page - Texas Instruments LM358M Datasheet HTML 5Page - Texas Instruments LM358M Datasheet HTML 6Page - Texas Instruments LM358M Datasheet HTML 7Page - Texas Instruments LM358M Datasheet HTML 8Page - Texas Instruments LM358M Datasheet HTML 9Page - Texas Instruments LM358M Datasheet HTML 10Page - Texas Instruments LM358M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
6.6 Electrical Characteristics: LM358, LM2904
V
+ = +5.0 V, See(1), unless otherwise stated
LM358
LM2904
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See(2) , TA = 25°C
2
7
2
7
mV
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
45
250
45
250
nA
VCM = 0 V, See
(3)
Input Offset Current
IIN(+) − IIN(−), VCM = 0 V, TA = 25°C
5
50
5
50
nA
Input Common-Mode
V+ = 30 V, See(4)
V+
−1.
0
0
V+
−1.5
V
Voltage Range
(LM2904, V+ = 26 V), TA = 25°C
5
Supply Current
Over Full Temperature Range
RL = ∞ on All Op Amps
V+ = 30 V (LM2904 V+ = 26 V)
1
2
1
2
mA
V+ = 5 V
0.5
1.2
0.5
1.2
mA
Large Signal Voltage
V+ = 15V, TA = 25°C,
Gain
RL ≥ 2 kΩ, (For VO = 1 V to 11 V)
25
100
25
100
V/mV
Common-Mode
TA = 25°C,
65
85
50
70
dB
Rejection Ratio
VCM = 0 V to V
+−1.5 V
Power Supply
V+ = 5 V to 30 V
65
100
50
100
dB
Rejection Ratio
(LM2904, V+ = 5 V to 26 V), TA = 25°C
Amplifier-to-Amplifier Coupling
f = 1 kHz to 20 kHz, TA = 25°C
−120
−120
dB
(Input Referred), See(5)
Output Current
Source
VIN
+ = 1 V,
VIN
− = 0 V,
20
40
20
40
mA
V+ = 15 V,
VO = 2 V, TA = 25°C
Sink
VIN
− = 1 V, V
IN
+ = 0 V
V+ = 15V, TA = 25°C,
10
20
10
20
mA
VO = 2 V
VIN
− = 1 V,
VIN
+ = 0 V
12
50
12
50
μA
TA = 25°C, VO = 200 mV,
V+ = 15 V
Short Circuit to Ground
TA = 25°C, See
(6), V+ = 15 V
40
60
40
60
mA
Input Offset Voltage
See(2)
9
10
mV
Input Offset Voltage Drift
RS = 0 Ω
7
7
μV/°C
Input Offset Current
IIN(+) − IIN(−)
150
45
200
nA
Input Offset Current Drift
RS = 0 Ω
10
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
500
40
500
nA
(1)
These specifications are limited to –55°C
≤ TA ≤ +125°C for the LM158/LM158A. With the LM258/LM258A, all temperature specifications
are limited to
−25°C ≤ TA ≤ 85°C, the LM358/LM358A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2904
specifications are limited to –40°C
≤ TA ≤ 85°C.
(2)
VO ≃ 1.4 V, RS = 0 Ω with V
+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ −1.5 V) at 25°C. For LM2904, V+
from 5 V to 26 V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5 V (at 25°C), but either or both inputs can go to 32 V without damage (26 V for
LM2904), independent of the magnitude of V+.
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15
V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com