Electronic Components Datasheet Search
  English  ▼

X  

LM358M Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM358M
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358M Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM358M Datasheet HTML 10Page - Texas Instruments LM358M Datasheet HTML 11Page - Texas Instruments LM358M Datasheet HTML 12Page - Texas Instruments LM358M Datasheet HTML 13Page - Texas Instruments LM358M Datasheet HTML 14Page - Texas Instruments LM358M Datasheet HTML 15Page - Texas Instruments LM358M Datasheet HTML 16Page - Texas Instruments LM358M Datasheet HTML 17Page - Texas Instruments LM358M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM158 family bring performance, economy, and ease-of-use to a wide variety of op-amp applications.
8.2 Typical Applications
8.2.1 Noninverting DC Gain
Figure 17 shows a high input impedance non-inverting circuit. This circuit gives a closed-loop gain equal to the
ratio of the sum of R1 and R2 to R1 and a closed-loop 3 dB bandwidth equal to the amplifier unity-gain frequency
divided by the closed-loop gain. This design has the benefit of a very high input impedance, which is equal to the
differential input impedance multiplied by loop gain. (Open loop gain/Closed loop gain.) In DC coupled
applications, input impedance is not as important as input current and its voltage drop across the source
resistance. Note that the amplifier output will go into saturation if the input is allowed to float. This may be
important if the amplifier must be switched from source to source.
*R not needed due to temperature independent IIN
Figure 17. Non-Inverting DC Gain (0-V Output)
8.2.1.1 Design Requirements
For this example application, the supply voltage is +5V, and 100x±5% of noninverting gain is necessary. Signal
input impedance is approx 10k
Ω.
8.2.1.2 Detailed Design Procedure
Using the equation for a non-inverting amplifier configuration ; G = 1+ R2/R1, set R1 to 10k
Ω, and R2 to 99x the
value of R1, which would be 990k
Ω. Replacing the 990kΩ with a 1MΩ will result in a gain of 101, which is within
the desired gain tolerance.
The gain-frequency characteristic of the amplifier and its feedback network must be such that oscillation does not
occur. To meet this condition, the phase shift through amplifier and feedback network must never exceed 180°
for any frequency where the gain of the amplifier and its feedback network is greater than unity. In practical
applications, the phase shift should not approach 180° since this is the situation of conditional stability. Obviously
the most critical case occurs when the attenuation of the feedback network is zero.
14
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com