Electronic Components Datasheet Search
  English  ▼

X  

2N7002H Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2N7002H
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002H Datasheet(HTML) 3 Page - Diodes Incorporated

  2N7002H Datasheet HTML 1Page - Diodes Incorporated 2N7002H Datasheet HTML 2Page - Diodes Incorporated 2N7002H Datasheet HTML 3Page - Diodes Incorporated 2N7002H Datasheet HTML 4Page - Diodes Incorporated 2N7002H Datasheet HTML 5Page - Diodes Incorporated 2N7002H Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N7002H
Document number: DS38025 Rev. 1 - 2
3 of 6
www.diodes.com
July 2015
© Diodes Incorporated
2N7002H
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
, DRAIN -SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
V
= 4.0V
GS
V
= 6.0V
GS
V
= 10V
GS
V
= 8.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 5.0V
GS
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
8
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
I , DRAIN SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 5.0V
GS
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I
= 50mA
D
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
V
= 5V
GS
I , DRAIN SOURCE CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
V
= 10 V
GS
I = 1 00 mA
D
V
= 5V
GS
I = 50mA
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com