Electronic Components Datasheet Search
  English  ▼

X  

CFH800 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CFH800
Description  Typical Common Source S - Parameters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH800 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CFH800 Datasheet HTML 1Page - Infineon Technologies AG CFH800 Datasheet HTML 2Page - Infineon Technologies AG CFH800 Datasheet HTML 3Page - Infineon Technologies AG CFH800 Datasheet HTML 4Page - Infineon Technologies AG CFH800 Datasheet HTML 5Page - Infineon Technologies AG CFH800 Datasheet HTML 6Page - Infineon Technologies AG CFH800 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P - HEMT
CFH800
________________________________________________________________________________________________________
Infineon Technologies
pg. 1/7
01.03.2002
WS GS CE GaAs
P r e l i m i n a r y D a t a s h e e t
Features
• Low noise figure and high associated gain for
high IP3 receiver stages up to 4GHz
Suitable for PCS CDMA and UMTS applications
(F = 0.50dB; Ga = 17dB @ 3V; 30mA; f=1.8GHz)
• Low cost miniature package SOT343
• L
G = 0.4µm; WG = 800µm
• Tape and Reel packaging
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
Pin assignment:
1 = gate
2 = source
3 = drain
4 = source
Type
Marking
Ordering code
(taped)
Package 1)
CFH 800
N8s
on request
SOT343
Maximum ratings
Symbol
Unit
Drain-source voltage
VDS
5.5
V
Drain-gate voltage
VDG
6.5
V
Gate-source voltage
VGS
-2.0
V
Drain current
ID
160
mA
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-65...+150
°C
Total power dissipation (TS < tbd°C) 2)
Ptot
350
mW
Thermal resistance
Channel-soldering point source
RthChS
198
K/W
1) Dimensions see page 7
2) TS: Temperature measured at soldering point


Similar Part No. - CFH800

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CFH800 TRIQUINT-CFH800_15 Datasheet
359Kb / 7P
Low-Noise, High-Linearity Packaged pHEMT FET
More results

Similar Description - CFH800

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
Dual Common Source MOSFET Power Module
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
Dual common source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
Dual common source MOSFET Power Module
logo
Diodes Incorporated
DMN32D2LDF DIODES-DMN32D2LDF Datasheet
281Kb / 4P
COMMON SOURCE DUAL N-CHANNEL
DS31238 Rev. 3 - 2
logo
M/A-COM Technology Solu...
MAGX-001214-650L0X MA-COM-MAGX-001214-650L0X Datasheet
823Kb / 7P
Common-Source Configuration
logo
COREBAI Microelectronic...
CBM94AD67 COREBAI-CBM94AD67 Datasheet
1Mb / 13P
Product parameters
logo
Shanghai Leiditech Elec...
NSP120 LEIDITECH-NSP120 Datasheet
904Kb / 8P
Common Parameters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com