Electronic Components Datasheet Search
  English  ▼

X  

CFH800 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CFH800
Description  Typical Common Source S - Parameters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH800 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CFH800 Datasheet HTML 1Page - Infineon Technologies AG CFH800 Datasheet HTML 2Page - Infineon Technologies AG CFH800 Datasheet HTML 3Page - Infineon Technologies AG CFH800 Datasheet HTML 4Page - Infineon Technologies AG CFH800 Datasheet HTML 5Page - Infineon Technologies AG CFH800 Datasheet HTML 6Page - Infineon Technologies AG CFH800 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P - HEMT
CFH800
________________________________________________________________________________________________________
Infineon Technologies
pg. 2/7
01.03.2002
WS GS CE GaAs
Electrical characteristics at TA = 25°C
unless otherwise specified
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 3 V
VGS = 0 V
IDSS
0
80
140
mA
Pinch-off voltage
VDS = 3 V
ID = 1 mA
VGS(P)
-0.7
-0.25
0.0
V
Gate leakage current
VDS = 3 V
ID = 30 mA
IG
-
-
10
µA
Transconductance
VDS = 3 V
ID = 30 mA
gm
140
200
-
mS
Noise figure*
VDS = 3 V
ID = 10 mA
f = 1.8 GHz
VDS = 3 V
ID = 30 mA
f = 1.8 GHz
F
-
0.56
0.50
-
1
dB
Associated gain*
VDS = 3 V
ID = 10 mA
f = 1.8 GHz
VDS = 3 V
ID = 30 mA
f = 1.8 GHz
Ga
-
16
15
17
-
dB
IIP3*
VDS = 3 V
ID = 10 mA
f = 1.8 GHz
VDS = 3 V
ID = 30 mA
f = 1.8 GHz
IIP3
-
8.5
13
-
dBm
* Parameters are measured for input impedance for minimum noise figure and output impedance for
maximum gain.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com