Electronic Components Datasheet Search
  English  ▼

X  

CX23880 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX23880
Description  PCl Audio/Video Broadcast Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX23880 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX23880 Datasheet HTML 1Page - Synaptics Incorporated. CX23880 Datasheet HTML 2Page - Synaptics Incorporated. CX23880 Datasheet HTML 3Page - Synaptics Incorporated. CX23880 Datasheet HTML 4Page - Synaptics Incorporated. CX23880 Datasheet HTML 5Page - Synaptics Incorporated. CX23880 Datasheet HTML 6Page - Synaptics Incorporated. CX23880 Datasheet HTML 7Page - Synaptics Incorporated. CX23880 Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• 10-bit video decoder
• Adaptive comb filter
• Global broadcast audio decoder
• Stereo DACs
•I2S input and output
• DTV and broadband support
• MPEG encoder and decoder interfaces
digital
infotainment
products
PCl Audio/Video
Broadcast Decoder
CX23880/CX23881
Distinguishing Features
Single-Chip Solution Allows TV, Radio, Digital
TV and Broadband Data Capture Over the
PCI Bus
Conexant’s highly-flexible audio and video broadcast decoder
supports all analog broadcast video and audio formats in use
worldwide. This single-chip solution enables the host PC to
perform audio/video capture, video display, audio playback,
or storage and playback at a later time through software or
hardware audio/video codecs.
The CX23880/CX23881 is fully compatible with Conexant’s family
of digital channel demodulators for capture of (HDTV) High
Definition Television and Standard Definition Television (SDTV)
streams, as well as broadband data over terrestrial, satellite or
cable links. The CX23880 interfaces directly to the CX23490 HDTV
hardware decoder for offloading the CPU of high-level MPEG-2
decoding tasks.
A variety of third-party peripheral connectivity options are
supported by the CX23880/CX23881. Its General Purpose Input/
Output pins and CPU host port interface enable vendor-specific
board functionality and marketplace differentiation.
Functional Overview
The CX23880/CX23881 video and broadcast audio capture chip
is a mixed-signal monolithic ic enabling a new platform for video,
audio, and data communications in the PC. The CX23880/CX23881
chips are designed to offer higher integration, functionality and
are significantly more flexible and configurable than the previous
generation Fusion™ 878A.


Similar Part No. - CX23880

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
PCI Express Broadcast Audio/Video
CX23888 CONEXANT-CX23888 Datasheet
208Kb / 2P
PCI Express Broadcast Audio/Video
More results

Similar Description - CX23880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA7130HL PHILIPS-SAA7130HL Datasheet
196Kb / 48P
PCI video broadcast decoder
2002 Apr 23
SAA7134HL PHILIPS-SAA7134HL Datasheet
211Kb / 52P
PCI audio and video broadcast decoder
2002 Dec 17
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
PCI audio and video broadcast decoder
2003 Feb 04
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
Digital audio broadcast channel decoder
2000 Jun 14
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
Single-Chip Broadcast Audio/Video Decoder
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
PCI Express Broadcast Audio/Video
logo
General Cable Technolog...
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
Audio/Video & Broadcast Cable
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
Audio/Video & Broadcast Cable
C1343A GENERAL-C1343A Datasheet
75Kb / 1P
Audio/Video & Broadcast Cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com