Electronic Components Datasheet Search
  English  ▼

X  

CX23880 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX23880
Description  PCl Audio/Video Broadcast Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX23880 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX23880 Datasheet HTML 1Page - Synaptics Incorporated. CX23880 Datasheet HTML 2Page - Synaptics Incorporated. CX23880 Datasheet HTML 3Page - Synaptics Incorporated. CX23880 Datasheet HTML 4Page - Synaptics Incorporated. CX23880 Datasheet HTML 5Page - Synaptics Incorporated. CX23880 Datasheet HTML 6Page - Synaptics Incorporated. CX23880 Datasheet HTML 7Page - Synaptics Incorporated. CX23880 Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
digital
infotainment
products
PCl Audio/Video
Broadcast Decoder
CX23880/CX23881
CX23880 Overview
The CX23880 is designed to offer global support
for all analog video broadcast standards in
addition to digital broadcasts via an external channel
demodulator. It is also designed to offload the CPU
of decoding tasks for High Level MPEG-2 (HDTV),
4:2:2 de-interlacing and progressive-scan DVD via
a dedicated ViP 2 Host Port interface to the CX23490
high-level MPEG-2 Decoder.
CX23881 Overview
The CX23881 is a 100% pin-compatible and software-
compatible subset of the CX23880. It is particularly
suited to the European marketplace and therefore
does not support BTSC-dBX and EIAJ audio as
broadcast in the U.S. and Japan. In addition, the ViP
host port is not supported on the CX23881 as there is
no requirement for supporting high-level MPEG-2
decoding for digital television applications. Main
Level MPEG-2 decoding for DVB broadcast applications
is supported via a dedicated MPEG port for streaming
of compressed data streams to the host for software-
based decompression.
Both the CX23880 and CX23881 support a general
purpose host port for connection to external CODECs
for compression of analog video/audio broadcasts
that can be stored on the host’s hard disk or played
back in software.
Analog Video Capture Overview
The CX23880/CX23881 integrates a 10-bit NTSC/
PAL/SECAM composite and s-video decoder, image
resizer/scaler, Direct Memory Access (DMA) controller
and Peripheral Component Interface (PCI) bus
master on a single device. The CX23880/CX23881
can place video data directly into host memory for
video capture applications and into a target video
display frame buffer for video overlay applications.
Feature
Video A/Ds
Y/C separation
Decoded video data output
Video data input
Broadcast audio
Audio input
Audio output
MPEG data streaming
Bi-directional streaming
data ports
Power supply
Fusion 878A
8-bit
Luma Notch and Chroma Comb
Via GPIO
Via GPIO
BTSC Mono
Mono line level or I2S port
N/A
I2S port
N/A
5V
CX23880
10-bit
Adaptive multi-line 2-D comb filter
8- or 10-bit ITU-R 656 4:2:2 output
8-bit ITU-R 656/VIP 2.0 pixel input
BTSC dbx, NICAM, A2, EIAJ, FM
Stereo I2S port
Stereo DACs, I2S port or PCI Bus
Dedicated 80 Mbps MPEG port
Intel/Motorola host port
and VIP 2.0 host master port
3.3/1.8V
CX23881
10-bit
Adaptive multi-line 2-D comb filter
8- or 10-bit ITU-R 656 4:2:2 output
8-bit ITU-R 656/VIP 2.0 pixel input
NICAM, A2, FM
Stereo I2S port
Stereo DACs, I2S port or PCI Bus
Dedicated 80 Mbps MPEG port
Intel/Motorola host port only
3.3/1.8V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com