Electronic Components Datasheet Search
  English  ▼

X  

CY28324PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28324PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28324PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28324PVC Datasheet HTML 5Page - Cypress Semiconductor CY28324PVC Datasheet HTML 6Page - Cypress Semiconductor CY28324PVC Datasheet HTML 7Page - Cypress Semiconductor CY28324PVC Datasheet HTML 8Page - Cypress Semiconductor CY28324PVC Datasheet HTML 9Page - Cypress Semiconductor CY28324PVC Datasheet HTML 10Page - Cypress Semiconductor CY28324PVC Datasheet HTML 11Page - Cypress Semiconductor CY28324PVC Datasheet HTML 12Page - Cypress Semiconductor CY28324PVC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PRELIMINARY
CY28324
Document #: 38-07002 Rev. *A
Page 9 of 23
Data Byte 5
Bit
Pin#
Name
Pin Description
Power-On
Default
Bit 7
10
Latched FS4 input
Latched FS[4:0] inputs. These bits are read only.
X
Bit 6
7
Latched FS3 input
X
Bit 5
6
Latched FS2 input
X
Bit 4
23
Latched FS1 input
X
Bit 3
22
Latched FS0 input
X
Bit 2
--
FS_Override
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
0
Bit 1
--
Reserved
Reserved
0
Bit 0
23
SEL 48MHZ
0 = 24 MHz
1 = 48 MHz
0
Data Byte 6
Bit
Pin#
Name
Pin Description
Power-On
Default
Bit 7
Revision_ID3
Revision ID bit[3]
0
Bit 6
Revision_ID2
Revision ID bit[2]
0
Bit 5
Revision_ID1
Revision ID bit[1]
0
Bit 4
Revision_ID0
Revision ID bit[0]
0
Bit 3
Vendor_ID3
Bit[3] of Cypress Semiconductor’s Vendor ID. This bit is
read only.
1
Bit 2
Vendor_ID2
Bit[2] of Cypress Semiconductor’s Vendor ID. This bit is
read only.
0
Bit 1
Vendor_ID1
Bit[1] of Cypress Semiconductor’s Vendor ID. This bit is
read only.
0
Bit 0
Vendor _ID0
Bit[0] of Cypress Semiconductor’s Vendor ID. This bit is
read only.
0
Data Byte 7
Bit
Pin#
Name
Pin Description
Power-On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
--
Reserved
Reserved
0
Bit 5
--
Reserved
Reserved
0
Bit 4
--
Reserved
Reserved
0
Bit 3
--
Reserved
Reserved
0
Bit 2
--
Reserved
Reserved
0
Bit 1
--
Reserved
Reserved
0
Bit 0
--
Reserved
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com