Electronic Components Datasheet Search
  English  ▼

X  

CY28324PVC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28324PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28324PVC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28324PVC Datasheet HTML 6Page - Cypress Semiconductor CY28324PVC Datasheet HTML 7Page - Cypress Semiconductor CY28324PVC Datasheet HTML 8Page - Cypress Semiconductor CY28324PVC Datasheet HTML 9Page - Cypress Semiconductor CY28324PVC Datasheet HTML 10Page - Cypress Semiconductor CY28324PVC Datasheet HTML 11Page - Cypress Semiconductor CY28324PVC Datasheet HTML 12Page - Cypress Semiconductor CY28324PVC Datasheet HTML 13Page - Cypress Semiconductor CY28324PVC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PRELIMINARY
CY28324
Document #: 38-07002 Rev. *A
Page 10 of 23
Data Byte 8
Bit
Pin#
Name
Pin Description
Power-On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
--
Reserved
Reserved
0
Bit 5
--
WD_TIMER4
These bits store the time-out value of the Watchdog Timer.
The scale of the timer is determine by the prescaler.
The timer can support a value of 150 ms to 4.8 sec when
the prescalar is set to 150 ms. If the prescaler is set to 2.5
sec, it can support a value from 2.5 sec. to 80 sec.
When the Watchdog Timer reaches “0,” it will set the
WD_TO_STATUS bit and generate Reset if RST_EN_WD
is enabled.
1
Bit 4
--
WD_TIMER3
1
Bit 3
--
WD_TIMER2
1
Bit 2
--
WD_TIMER1
1
Bit 1
--
WD_TIMER0
1
Bit 0
--
WD_PRE_SCALER
0 = 150 ms
1 = 2.5 sec
0
Data Byte 9
Bit
Pin#
Name
Pin Description
Power-On
Default
Bit 7
--
48MHz_DRV
48MHz & 24_48MHz clock output drive strength
0 = Normal
1 = High Drive
(Recommend to set to high drive if this output is being
used to drive both USB and SIO devices in Intel®
Brookdale - G platforms)
0
Bit 6
--
PCI_DRV
PCI clock output drive strength
0 = Normal
1 = High Drive
0
Bit 5
--
3V66_DRV
3V66 clock output drive strength
0 = Normal
1 = High Drive
0
Bit 4
--
RST_EN_WD
This bit will enable the generation of a Reset pulse when
a Watchdog Timer time-out occurs.
0 = Disabled
1 = Enabled
0
Bit 3
--
RST_EN_FC
This bit will enable the generation of a Reset pulse after a
frequency change occurs.
0 = Disabled
1 = Enabled
0
Bit 2
--
WD_TO_STATUS
Watchdog Timer Time-out Status bit
0 = No time-out occurs (READ); Ignore (WRITE)
1 = Time-out occurred (READ); Clear WD_TO_STATUS
(WRITE)
0
Bit 1
--
WD_EN
0 = Stop and reload Watchdog Timer
1 = Enable Watchdog Timer. It will start counting down
after a frequency change occurs.
Note: CY28324 will generate system reset, reload a re-
covery frequency, and lock itself into a recovery frequency
mode after a Watchdog Timer time-out occurs. Under re-
covery frequency mode, CY28324 will not respond to any
attempt to change output frequency via the SMBus control
bytes. System software can unlock CY28324 from its re-
covery frequency mode by clearing the WD_EN bit.
0
Bit 0
--
Reserved
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com