Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  Tiny Low-Power Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMC7101 Datasheet HTML 17Page - Texas Instruments LMC7101 Datasheet HTML 18Page - Texas Instruments LMC7101 Datasheet HTML 19Page - Texas Instruments LMC7101 Datasheet HTML 20Page - Texas Instruments LMC7101 Datasheet HTML 21Page - Texas Instruments LMC7101 Datasheet HTML 22Page - Texas Instruments LMC7101 Datasheet HTML 23Page - Texas Instruments LMC7101 Datasheet HTML 24Page - Texas Instruments LMC7101 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LMC7101, LMC7101Q-Q1
www.ti.com
SNOS719G – SEPTEMBER 1999 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.1.7 Wide Voltage Range
The LMC7101 is characterized at 15 V, 5 V and 3 V. Performance data is provided at these popular voltages.
This wide voltage range makes the LMC7101 a good choice for devices where the voltage may vary over the life
of the batteries.
7.4 Device Functional Modes
7.4.1 Input Common Mode
7.4.1.1 Voltage Range
The LMC7101 does not exhibit phase inversion when an input voltage exceeds the negative supply voltage.
Figure 61 shows an input voltage exceeding both supplies with no resulting phase inversion of the output.
The absolute maximum input voltage is 300-mV beyond either rail at room temperature. Voltages greatly
exceeding this maximum rating, as in Figure 62, can cause excessive current to flow in or out of the input pins,
thus adversely affecting reliability.
An input voltage signal exceeds the LMC7101 power supply
A ±7.5-V input signal greatly exceeds the 3-V supply in Figure 63
voltages with no output phase inversion.
causing no phase inversion due to RI.
Figure 61. Input Voltage
Figure 62. Input Signal
Applications that exceed this rating must externally limit the maximum input current to ±5 mA with an input
resistor as shown in Figure 63.
Figure 63. RI Input Current Protection for
Voltages Exceeding the Supply Voltage
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMC7101 LMC7101Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com