Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  Tiny Low-Power Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC7101 Datasheet HTML 4Page - Texas Instruments LMC7101 Datasheet HTML 5Page - Texas Instruments LMC7101 Datasheet HTML 6Page - Texas Instruments LMC7101 Datasheet HTML 7Page - Texas Instruments LMC7101 Datasheet HTML 8Page - Texas Instruments LMC7101 Datasheet HTML 9Page - Texas Instruments LMC7101 Datasheet HTML 10Page - Texas Instruments LMC7101 Datasheet HTML 11Page - Texas Instruments LMC7101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LMC7101, LMC7101Q-Q1
SNOS719G – SEPTEMBER 1999 – REVISED SEPTEMBER 2015
www.ti.com
6.9 DC Electrical Characteristics: 15 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 15 V, V– = 0 V, V
CM = 1.5 V, VO = V
+ / 2 and R
L = 1 MΩ.
LMC7101AI
LMC7101BI
LMC7101Q-Q1(2)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input offset voltage
0.11
mV
Input offset voltage
TCVOS
1
μV/°C
average drift
IB
Input current
–40°C
≤ TJ ≤ 125°C
1
64
64
1000
pA
IOS
Input offset current
–40°C
≤ TJ ≤ 125°C
0.5
32
32
2000
pA
RIN
Input resistance
>1
Tera
Ω
0 V
≤ VCM ≤ 15 V
LMC7101Q-Q1 at 125°C
82
70
65
65
0.2 V
≤ VCM ≤ 14.8 V
Common-mode
CMRR
dB
0 V
≤ VCM ≤ 15 V
rejection ratio
LMC7101Q-Q1 at 125°C
82
65
60
60
0.2 V
≤ VCM ≤ 14.8 V
–40°C
≤ TJ ≤ 125°C
V+ = 5 V to 15 V
82
70
65
65
V– = 0 V, VO = 1.5 V
Positive power supply
+PSRR
dB
V+ = 5 V to 15 V
rejection ratio
82
65
62
62
V– = 0 V, VO = 1.5 V
–40°C
≤ TJ ≤ 125°C
V– = –5 V to –15 V
82
70
65
65
V+ = 0 V, VO = –1.5 V
Negative power
–PSRR
dB
V– = –5 V to –15 V
supply rejection ratio
82
65
62
62
V+ = 0 V, VO = –1.5 V
–40°C
≤ TJ ≤ 125°C
V+ = 5 V
–0.3
–0.2
–0.2
–0.2
For CMRR
≥ 50 dB
V
V+ = 5 V
Input common-mode
-0.3
0
0
0.2
For CMRR
≥ 50 dB
VCM
voltage range
–40°C
≤ TJ ≤ 125°C
15.3
15.2
15.2
15.2
V max
–40°C
≤ TJ ≤ 125°C
15.3
15
15
14.8
RL = 2 kΩ
340
80
80
80
Sourcing
RL = 2 kΩ
340
40
40
30
–40°C
≤ TJ ≤ 125°C
V/mV
RL = 2 kΩ
24
15
15
15
Large signal voltage
AV
gain(3)
Sinking
RL = 2 kΩ
24
10
10
4
–40°C
≤ TJ ≤ 125°C
Sourcing
300
34
34
34
RL = 600 Ω
V/mV
Sinking
15
6
6
6
CIN
Input capacitance
3
pF
V+ = 15 V
14.7
14.4
14.4
14.4
RL = 2 kΩ
V
V+ = 15 V
14.7
14.2
14.2
14.2
RL = 2 kΩ
–40°C
≤ TJ ≤ 125°C
0.16
0.32
0.32
0.32
V
–40°C
≤ TJ ≤ 125°C
0.16
0.45
0.45
0.45
VO
Output swing
V+ = 15 V
14.1
13.4
13.4
13.4
RL = 600 Ω
V
V+ = 15 V
14.1
13
13
12.85
RL = 600 Ω
–40°C
≤ TJ ≤ 125°C
0.5
1
1
1
V
–40°C
≤ TJ ≤ 125°C
0.5
1.3
1.3
1.5
(1)
Typical values represent the most likely parametric normal.
(2)
When operated at temperature between –40°C and 85°C, the LMC7101Q-Q1 will meet LMC7101BI specifications.
(3)
V+ = 15 V, VCM = 1.5 V and RL connect to 7.5 V. For sourcing tests, 7.5 V ≤ VO ≤ 12.5 V. For sinking tests, 2.5 V ≤ VO ≤ 7.5 V.
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com