Electronic Components Datasheet Search
  English  ▼

X  

LM7322MM Datasheet(PDF) 7 Page - Texas Instruments

Part # LM7322MM
Description  Unlimited Capacitive Load Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7322MM Datasheet HTML 3Page - Texas Instruments LM7322MM Datasheet HTML 4Page - Texas Instruments LM7322MM Datasheet HTML 5Page - Texas Instruments LM7322MM Datasheet HTML 6Page - Texas Instruments LM7322MM Datasheet HTML 7Page - Texas Instruments LM7322MM Datasheet HTML 8Page - Texas Instruments LM7322MM Datasheet HTML 9Page - Texas Instruments LM7322MM Datasheet HTML 10Page - Texas Instruments LM7322MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
7.6
±5-V Electrical Characteristics
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 5 V, V− = −5V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to 0
V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−5
±0.7
+5
VCM = −4.5 V and VCM =
VOS
Input Offset Voltage
mV
4.5 V
TA = –40°C to +125°C
−6
+6
Input Offset Voltage
TC VOS
VCM = −4.5 V and VCM = 4.5 V
(4)
±2
µV/°C
Temperature Drift
VCM = −4.5 V
(5)
−2.0
−1.2
TA = –40°C to +125°C
−2.5
IB
Input Bias Current
µA
VCM = 4.5 V
(5)
0.45
1
TA = –40°C to +125°C
1.5
20
200
VCM = −4.5 V and VCM =
IOS
Input Offset Current
nA
4.5 V
TA = –40°C to +125°C
300
80
100
−5 V ≤ VCM ≤ 3 V
TA = –40°C to +125°C
70
Common Mode
CMRR
dB
Rejection Ratio
65
80
−5 V ≤ VCM ≤ 5 V
TA = –40°C to +125°C
62
78
104
Power Supply Rejection
2.7 V
≤ VS ≤ 30 V,
PSRR
dB
Ratio
VCM = −4.5 V
TA = –40°C to +125°C
74
−5.3
−5.1
Common-Mode Voltage
CMRR > 50 dB
Range (Min)
TA = –40°C to +125°C
−5
CMVR
V
5.1
5.3
Common-Mode Voltage
CMRR > 50 dB
Range (Max)
TA = –40°C to +125°C
5
74
80
−4 V ≤ VO ≤ 4 V
RL = 10 kΩ to 0 V
TA = –40°C to +125°C
70
Open-Loop Voltage
AVOL
dB
Gain
68
74
−4 V ≤ VO ≤ 4 V
RL = 2 kΩ to 0 V
TA = –40°C to +125°C
65
100
250
RL = 10 kΩ to 0 V
VID = 100 mV
TA = –40°C to +125°C
280
Output Voltage Swing
High
160
350
RL = 2 kΩ to 0 V
mV
VID = 100 mV
TA = –40°C to +125°C
450
from
VOUT
either
35
200
RL = 10 kΩ to 0 V
rail
VID = −100 mV
TA = –40°C to +125°C
250
Output Voltage Swing
Low
80
200
RL = 2 kΩ to 0 V
VID = −100 mV
TA = –40°C to +125°C
250
Sourcing
35
70
VID = 200 mV, VOUT = −5
TA = –40°C to +125°C
20
V(6)
IOUT
Output Current
mA
Sinking
50
85
VID = −200 mV, VOUT = 5
TA = –40°C to +125°C
30
V(6)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit duration is 1.5 ms.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com