Electronic Components Datasheet Search
  English  ▼

X  

LM7322MM Datasheet(PDF) 8 Page - Texas Instruments

Part # LM7322MM
Description  Unlimited Capacitive Load Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7322MM Datasheet HTML 4Page - Texas Instruments LM7322MM Datasheet HTML 5Page - Texas Instruments LM7322MM Datasheet HTML 6Page - Texas Instruments LM7322MM Datasheet HTML 7Page - Texas Instruments LM7322MM Datasheet HTML 8Page - Texas Instruments LM7322MM Datasheet HTML 9Page - Texas Instruments LM7322MM Datasheet HTML 10Page - Texas Instruments LM7322MM Datasheet HTML 11Page - Texas Instruments LM7322MM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LM7321, LM7322
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
www.ti.com
±5-V Electrical Characteristics (continued)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 5 V, V− = −5V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to 0
V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
1.0
1.3
LM7321
TA = –40°C to
2
+125°C
IS
Supply Current
VCM = −4.5 V
mA
2.3
2.8
LM7322
TA = –40°C to
3.8
+125°C
SR
Slew Rate(7)
AV = +1, VI = 8-V Step
12.3
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
9
MHz
GBW
Gain Bandwidth
f = 50 kHz
16
MHz
Input Referred Voltage
f = 2 kHz
en
14.3
nV/
√H
Noise Density
Input Referred Current
f = 2 kHz
in
1.35
pA/
√H
Noise Density
Total Harmonic
f = 1 kHz, RL = 100 kΩ, AV = +2
THD+N
−79
dB
Distortion + Noise
VOUT = 8 VPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
7.7
±15-V Electrical Characteristics
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 15 V, V− = −15 V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to
15 V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−6
±0.7
+6
VCM = −14.5 V and
VOS
Input Offset Voltage
mV
VCM = 14.5 V
–40°C to +125°C
−8
+8
Input Offset Voltage
TC VOS
VCM = −14.5 V and VCM = 14.5 V
(4)
±2
µV/°C
Temperature Drift
−2
−1.1
VCM = −14.5 V
(5)
–40°C to +125°C
−2.5
IB
Input Bias Current
µA
0.45
1
VCM = 14.5 V
(5)
–40°C to +125°C
1.5
30
300
VCM = −14.5 V and
IOS
Input Offset Current
nA
VCM = 14.5 V
–40°C to +125°C
500
80
100
−15 V ≤ VCM ≤ 12 V
–40°C to +125°C
75
Common-Mode Rejection
CMRR
dB
Ratio
72
80
−15 V ≤ VCM ≤ 15 V
–40°C to +125°C
70
78
100
Power Supply Rejection
2.7 V
≤ VS ≤ 30 V, VCM
PSRR
dB
Ratio
=
−14.5 V
–40°C to +125°C
74
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com