Electronic Components Datasheet Search
  English  ▼

X  

LMV792 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV792
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV792 Datasheet HTML 7Page - Texas Instruments LMV792 Datasheet HTML 8Page - Texas Instruments LMV792 Datasheet HTML 9Page - Texas Instruments LMV792 Datasheet HTML 10Page - Texas Instruments LMV792 Datasheet HTML 11Page - Texas Instruments LMV792 Datasheet HTML 12Page - Texas Instruments LMV792 Datasheet HTML 13Page - Texas Instruments LMV792 Datasheet HTML 14Page - Texas Instruments LMV792 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
20
40
60
80
100
120
RLOAD = 600:
-40°C
25°C
125°C
1.8
2.5
3.2
3.9
4.6
5.3
6
0
10
20
30
40
50
60
70
80
90
100
V
+
(V)
125°C
25°C
-40°C
RLOAD = 600:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
5
10
15
20
25
30
35
40
45
50
V
+
(V)
125°C
25°C
-40°C
RLOAD = 2 k:
125°C
25°C
-40°C
0
10
20
30
40
45
50
5
15
25
35
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
-40°C
25°C
125°C
RLOAD = 10 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
30
35
40
125°C
25°C
-40°C
RLOAD = 10 k:
LMV791, LMV792
www.ti.com
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = Supply Voltage = 5V, V
CM = V
+/2, V
EN = V
+.
Figure 19. Positive Output Swing vs Supply Voltage
Figure 20. Negative Output Swing vs Supply Voltage
Figure 22. Negative Output Swing vs Supply Voltage
Figure 21. Positive Output Swing vs Supply Voltage
Figure 23. Positive Output Swing vs Supply Voltage
Figure 24. Negative Output Swing vs Supply Voltage
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com