Electronic Components Datasheet Search
  English  ▼

X  

LMV792 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV792
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV792 Datasheet HTML 9Page - Texas Instruments LMV792 Datasheet HTML 10Page - Texas Instruments LMV792 Datasheet HTML 11Page - Texas Instruments LMV792 Datasheet HTML 12Page - Texas Instruments LMV792 Datasheet HTML 13Page - Texas Instruments LMV792 Datasheet HTML 14Page - Texas Instruments LMV792 Datasheet HTML 15Page - Texas Instruments LMV792 Datasheet HTML 16Page - Texas Instruments LMV792 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
160
1k
100k
100M
FREQUENCY (Hz)
0
60
10M
1M
10k
120
100
40
20
80
140
200 ns/DIV
INPUT = 20 mVPP
f = 1 MHz
V
+
= 2.5V
-40
-20
0
20
60
80
100
120
40
-60
-40
-20
0
20
60
80
100
120
40
-60
FREQUENCY (Hz)
10k
100k
1M
10M
100M
PHASE
GAIN
RLOAD = 600: 10 k: 10 M:
10
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
0.01
0.1
1
10
100
100
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.001
0.002
0.003
0.004
0.005
0.006
RL = 600:
RL = 100 k:
V
+
= 2.5V
V
-
= 2.5V
VO = 4 VPP
AV = +2
1k
10k
100k
1M
10M
100M
-40
-20
0
20
60
80
100
120
FREQUENCY (Hz)
40
-60
-40
-20
0
20
60
80
100
120
40
-60
CL = 20 pF
CL = 50 pF
CL = 100 pF
GAIN
CL = 100 pF
CL = 50 pF
CL = 20 pF
PHASE
LMV791, LMV792
www.ti.com
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = Supply Voltage = 5V, V
CM = V
+/2, V
EN = V
+.
Figure 32. Open-Loop Gain and Phase With Capacitive Load
Figure 31. THD+N vs Frequency
Figure 34. Closed-Loop Output Impedance vs Frequency
Figure 33. Open-Loop Gain and Phase With Resistive Load
AV = +1
Figure 36. Small Signal Transient Response
Figure 35. Crosstalk Rejection
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com