Electronic Components Datasheet Search
  English  ▼

X  

54AC138 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC138
Description  1-of-8 Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC138 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54AC138 Datasheet HTML 2Page - National Semiconductor (TI) 54AC138 Datasheet HTML 3Page - National Semiconductor (TI) 54AC138 Datasheet HTML 4Page - National Semiconductor (TI) 54AC138 Datasheet HTML 5Page - National Semiconductor (TI) 54AC138 Datasheet HTML 6Page - National Semiconductor (TI) 54AC138 Datasheet HTML 7Page - National Semiconductor (TI) 54AC138 Datasheet HTML 8Page - National Semiconductor (TI) 54AC138 Datasheet HTML 9Page - National Semiconductor (TI) 54AC138 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DC Characteristics for ’AC Family Devices (Continued)
54AC
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
I
CC
Maximum
Quiescent Supply
Current
5.5
80.0
µA
V
IN = VCC or GND
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.ICC for 54AC @ 25˚C is identical to 74AC @ 25˚C.
DC Characteristics for ’ACT Family Devices
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High
Level Input Voltage
4.5
2.0
V
V
OUT = 0.1V
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low
Level Input Voltage
4.5
0.8
V
V
OUT = 0.1V
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High
Level Output
Voltage
4.5
4.4
V
I
OUT = −50 µA
5.5
5.4
(Note 5) V
IN = VIL or VIH
4.5
3.70
V
I
OH −24 mA
5.5
4.70
−24 mA
V
OL
Maximum Low
Level Output
Voltage
4.5
0.1
V
I
OUT = 50 µA
5.5
0.1
(Note 5) V
IN = VIL or VIH
4.5
0.50
V
I
OL 24 mA
5.5
0.50
24 mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
CCT
Maximum
5.5
1.6
mA
V
I = VCC − 2.1V
I
CC/Input
I
OLD
(Note 6) Minimum
Dynamic Output
Current
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum
Quiescent Supply
Current
5.5
80.0
µA
V
IN = VCC or GND
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
Note 7: ICC for 54ACT @ 25˚C is identical to 74ACT @ 25˚C.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com