Electronic Components Datasheet Search
  English  ▼

X  

54AC138 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC138
Description  1-of-8 Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC138 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54AC138 Datasheet HTML 2Page - National Semiconductor (TI) 54AC138 Datasheet HTML 3Page - National Semiconductor (TI) 54AC138 Datasheet HTML 4Page - National Semiconductor (TI) 54AC138 Datasheet HTML 5Page - National Semiconductor (TI) 54AC138 Datasheet HTML 6Page - National Semiconductor (TI) 54AC138 Datasheet HTML 7Page - National Semiconductor (TI) 54AC138 Datasheet HTML 8Page - National Semiconductor (TI) 54AC138 Datasheet HTML 9Page - National Semiconductor (TI) 54AC138 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
16.0
ns
A
n to On
5.0
1.5
12.0
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
A
n to On
5.0
1.5
11.5
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
E
1 or E2 to On
5.0
1.5
13.0
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
E
1 or E2 to On
5.0
1.5
12.0
t
PLH
Propagation Delay
3.3
1.0
17.0
ns
E
3 to On
5.0
1.5
13.5
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
E
3 to On
5.0
1.5
11.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
A
n to On
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
A
n to On
t
PLH
Propagation Delay
5.0
1.5
13.5
ns
E
1 or E2 to On
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
E
1 or E2 to On
t
PLH
Propagation Delay
5.0
1.5
14.0
ns
E
3 toOn
t
PHL
Propagation Delay
5.0
1.5
12.0
ns
E
3 toOn
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
60.0
pF
V
CC = 5.0V
Capacitance
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com