Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA376 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 17Page - Texas Instruments OPA376 Datasheet HTML 18Page - Texas Instruments OPA376 Datasheet HTML 19Page - Texas Instruments OPA376 Datasheet HTML 20Page - Texas Instruments OPA376 Datasheet HTML 21Page - Texas Instruments OPA376 Datasheet HTML 22Page - Texas Instruments OPA376 Datasheet HTML 23Page - Texas Instruments OPA376 Datasheet HTML 24Page - Texas Instruments OPA376 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
OPA376, OPA2376, OPA4376
www.ti.com
SBOS406G – JUNE 2007 – REVISED DECEMBER 2015
Typical Application (continued)
8.2.2 Application Curve
Figure 31. Low-Pass Filter Transfer Function
9 Power Supply Recommendations
The OPAx376 are specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V); many specifications apply from
–40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole, and the op
amp itself. Bypass capacitors can reduce the coupled noise by providing low-impedance power sources
local to the analog circuitry.
–
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground
planes. A ground plane helps distribute heat, and reduces EMI noise pickup. Physically separate the
digital and analog grounds, paying attention to the flow of the ground current. For more detailed
information refer to Circuit Board Layout Techniques, SLOA089.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is better than
opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 32, keeping RF
and RG close to the inverting input minimizes parasitic capacitance.
•
Keep the length of the input traces as short as possible. The input traces are the most sensitive part of
the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly
reduce leakage currents from nearby traces that are at different potentials.
•
Clean the PCB following board assembly for best performance.
•
Any precision-integrated circuit may experience performance shifts due to moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, bake the PCB assembly to remove
moisture introduced into the device packaging during the cleaning process. A low-temperature, post-
cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA376 OPA2376 OPA4376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com