Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA376 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 9Page - Texas Instruments OPA376 Datasheet HTML 10Page - Texas Instruments OPA376 Datasheet HTML 11Page - Texas Instruments OPA376 Datasheet HTML 12Page - Texas Instruments OPA376 Datasheet HTML 13Page - Texas Instruments OPA376 Datasheet HTML 14Page - Texas Instruments OPA376 Datasheet HTML 15Page - Texas Instruments OPA376 Datasheet HTML 16Page - Texas Instruments OPA376 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
10
1k
100
10
1
0.1
Frequency(Hz)
10M
1k
100
10k
100k
1M
400 ALoad
m
2mALoad
1
100
10
1
0.1
Closed-LoopGain(V/V)
100
10
0.01%
0.1%
10
140
120
100
80
60
40
0
Frequency(Hz)
100M
1k
100
10M
10k
100k
1M
20
OPA376, OPA2376, OPA4376
www.ti.com
SBOS406G – JUNE 2007 – REVISED DECEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Figure 20. Channel Separation vs Frequency
Figure 19. Settling Time vs Closed-Loop Gain
Figure 21. Open-Loop Output Resistance vs Frequency
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA376 OPA2376 OPA4376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com