Electronic Components Datasheet Search
  English  ▼

X  

HU366 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HU366
Description  Safety Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HU366 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HU366 Datasheet HTML 1Page - List of Unclassifed Manufacturers HU366 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.schneider-electric.us
3-6
© 2009 Schneider Electric
All Rights Reserved
Heavy Duty Safety Switches
UL Listed Maximum Short Circuit Current Ratings—AC only
NOTE: Consult the wiring diagram of the switch to verify the
UL Listed short circuit current rating.
m
On 600 V, 200 A switches, 100,000 A max. on corner grounded delta when protected by
Class J or R fuses.
Non-Fusible Safety Switches
Any brand of circuit breaker or fuse not exceeding the ampere rating of the
switch may be used in conjunction with an non-fusible safety switch when
there is up to 10 kA short circuit current available (see table below).
Above 10 kA—When applied on systems with greater than 10 kA short
circuit current available, the UL Listed short circuit current rating for
Square D non-fusible switches is based upon the switch being used in
conjunction with fuses or Square D circuit breakers or Mag-Gard motor
circuit protectors.
Table 3.10:
600 Volt—Single Throw Non-Fusible
System
Rating
(A)
NEMA 1
Indoor
NEMA 3R
Rainproof
(Bolt-on Hubs, page 3-11)
NEMA 4, 4X, 5 a
304 Stainless Steel
(for 316 stainless, see
page 3-7)
Dust tight, Watertight
Corrosion Resistant
(Watertight Hubs, page 3-11)
NEMA 12K
With
Knockouts
(Watertight Hubs,
page 3-11)
NEMA 12, 3Rb
Without
Knockouts
(Watertight Hubs,
page 3-11)
Horsepower Ratings
(Max.) c
Volts ac
dcd
240
480
600
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
1Ø 3Ø
1Ø
3Ø 1Ø 3Ø 250 600
2-Wire (2 Blades)—600 Vac, 600 Vdc
30
Use three-wire devices
for two-wire applications.
— ——— — —
—
—
60
— ——— — —
—
—
100
— ——— — —
—
—
200
— ——— — —
—
—
400
HU265
2750.00
HU265R
3764.00
HU265DS
12812.00
—
—
HU265AWK
3212.00 — —
—
— — —
50
50
600
HU266
4896.00
HU266R
7533.00
HU266DS
18455.00
—
—
HU266AWK
5408.00 — —
—
— — —
50
50
800
HU267
7467.00
HU267Re
12884.00
—
—
—
—
HU267AWK
12957.00 50 —
50
— 50 ——
50
1200
HU268
10226.00
HU268Re
17393.00
—
—
—
—
HU268AWK
17522.00 50 —
50
—— —
50
50
3-Wire (3 Blades)—600 Vac, 600 Vdc
30
HU361
279.00
HU361RB
488.00
HU361DS
2520.00
HU361A
689.00
HU361AWK
647.00
5
10 7-1/2
20 10
30
5
15
30 HU361EIf
638.00 HU361RBEIf
846.00
HU361DSEIf
2480.00
HU361AEIf
1047.00 HU361AWKEIf
1007.00
5
10 7-1/2
20 10
30
5
15
30
HU3612g
369.00 HU3612RBg
638.00
—
—
HU3612Ag
710.00
HU3612AWKg
666.00
5
10 7-1/2
20 10
30
5
15
60
HU362
488.00
HU362RB
876.00
HU362DS
2520.00
HU362A
875.00
HU362AWK
833.00 10
20
25
50 30
60 10
30
60
——
—
—
HU362DSEIf
2972.00
—
—
—
—
10
20
25
50 30
60 10
30
100
HU363
783.00
HU363RB
1226.00
HU363DS
5102.00
HU363A
1265.00
HU363AWK
1194.00 20
40
40
75 40 100 20
50
200
HU364
1209.00
HU364RB
1485.00
HU364DS
6960.00
HU364A
1697.00
HU364AWK
1604.00 15
60
50
125 50 150 40
50
400
HU365
2804.00
HU365R
3840.00
HU365DS
14294.00
—
—
HU365AWK
4023.00 — 125
—
250 — 350 50
50
600
HU366
4992.00
HU366R
7683.00
HU366DS
19062.00
—
—
HU366AWK
6711.00 — 200
—
400 — 500 50
50
800
HU367
9978.00
HU367Re
13050.00
—
—
—
—
HU367AWK
13097.00 50 250
50
500 50 500 50
50
1200
HU368
13421.00
HU368Re
17867.00
—
—
—
—
HU368AWK
17940.00 50 250
50
500 50 500 50
50
4-Wire (4 Blades)—600 Vac, 600 Vdc k
2Ø 3Ø
2Ø
3Ø 2Ø 3Ø
30
HU461h
827.00
—
—
HU461DS
2586.00
—
—
HU461AWKi
915.00 10
10
20
20 25
30 10j 15j
60
HU462h
914.00
—
—
HU462DS
3027.00
—
—
HU462AWK
1008.00 20
20
40
50 50
60 10
30
100
HU463h
1647.00
—
—
HU463DS
7401.00
—
—
HU463AWK
1791.00 30
40
50
75 50
75 20
30
200
HU464h
2399.00
—
—
HU464DS
11244.00
—
—
HU464AWK
2832.00 50
60
50
125 50 150 40
50
400
HU465
5201.00
—
—
—
—
—
—
HU465AWK
5672.00 — 125
—
250 — 350 50
50
600
HU466
9072.00
—
—
—
—
—
—
—
—
— 200
—
400 — 500 50
50
6-Wire (6 Blades)—600 Vack
3Ø
3Ø
3Ø
30
——
—
—
HU661DS
11903.00
—
—
HU661AWKl
3357.00 —
10
—
20 —
30 ——
60
——
—
—
HU662DS
13254.00
—
—
HU662AWKl
3884.00 —
20
—
50 —
60 ——
100
——
—
—
HU663DS
20643.00
—
—
HU663AWKl
4793.00 —
40
—
75 —
75 ——
200
——
—
—
HU664DS
28316.00
—
—
HU664AWKl
10538.00 —
60
—
125 — 150 ——
a
Complete rating is NEMA 3, 3R, 4, 4X, 5 and 12.
b
Also suitable for NEMA 3R application by removing drain screw from bottom endwall.
c
Refer to page 7-32 for additional motor application data.
d
For switching dc, use two switching poles.
e
Suitable for NEMA 5 applications with drain screw installed.
f
Switches with EI suffix are stocked with factory-installed electrical interlocks with one normally-open and one normally-closed contact.
g
Use 60 A enclosure accessories, including electrical interlocks.
h
No knockouts are provided.
i
Check series number on switch for correct accessory. See page 3-15.
j
HU461AWK (Series E1) is rated 5 hp@250 Vdc, 10 hp@600 Vdc.
k
Not suitable for use as service equipment.
l
One enclosure for NEMA 1, 3, 3R or 12 applications. UL Listed.
Table 3.11:
Fusible Safety Switches
For the short circuit current rating, refer to the table below.
Heavy Duty
Safety Switch Type
UL Listed
Fuse Class
UL Listed Short Circuit
Current Ratings
Fusible
H, K
10 kA
R, J, L
200 kAm
Table 3.12:
Non-Fusible Safety Switches
Heavy Duty
Safety Switch Type
Switch Rating
(A) n
Fuse or Circuit
Breaker Typeo
3-Phase
240 Vac
480 Vac
600 Vac
Non-Fusible
Switches
All
Any brand circuit
breaker
Up to 10 kA
H, K
R,T,J.L
200 kA
200 kA
200 kA
30–100
H p
65 kA
35 kA
25 kA
30–100
FA
14 kA
14 kA
14 kA
30–100
FH
18 kA
18 kA
18 kA
200
H, J p
65 kA
35 kA
25 kA
200
KA
22 kA
22 kA
22 kA
400
LA
600
MA
200
KH
25 kA
25 kA
25 kA
400
LH
600
MH
n
Applies to NEMA 1, 3R, 4X stainless, 12 switches.
o
Ampere rating of fuse or circuit breaker not to exceed switch ampere rating.
p
All H and J circuit breakers are acceptable, but will only support the noted Short Circuit
Current Ratings.
DE1
Discount
Schedule



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com